Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMELA3012S-R68M Datasheet(PDF) 8 Page - Abracon Corporation

Part # AMELA3012S-R68M
Description  SMD Molded Power Inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AMELA3012S-R68M Datasheet(HTML) 8 Page - Abracon Corporation

  AMELA3012S-R68M Datasheet HTML 1Page - Abracon Corporation AMELA3012S-R68M Datasheet HTML 2Page - Abracon Corporation AMELA3012S-R68M Datasheet HTML 3Page - Abracon Corporation AMELA3012S-R68M Datasheet HTML 4Page - Abracon Corporation AMELA3012S-R68M Datasheet HTML 5Page - Abracon Corporation AMELA3012S-R68M Datasheet HTML 6Page - Abracon Corporation AMELA3012S-R68M Datasheet HTML 7Page - Abracon Corporation AMELA3012S-R68M Datasheet HTML 8Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
SMD Molded Power Inductors
AMELA3012S Series
3.3 x 3.1 x 1 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
REVISION Initial Release :
2/28/2025
5101 Hidden Creek Ln, Spicewood TX 78669
Phone: 512-371-6159 Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
Tape & Reel: 4000 pcs/reel
s
Dimensions: mm
B0
A0
K0
P
W
F
T
3.80±0.10
3.50±0.10
1.40±0.10
8.00±0.10
12.00±0.30
5.50±0.10
0.35±0.05
Type
A
B
C
D
13”x12mm
12.4+2.0/-0.0
100.0±2.0
13.0+0.5/-0.2
330.0
ATTENTION: Abracon LLC’s products are Commercial-Off-The-Shelf (COTS, which are designed, intended and validated for use in commercial, industrial and automotive
applications. The customer is responsible for testing and verifying the performance of an Abracon solution to meet their system-level requirements.
Packaging



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com