Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMELA5012S-R68M Datasheet(PDF) 1 Page - Abracon Corporation

Part # AMELA5012S-R68M
Description  SMD Molded Power Inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AMELA5012S-R68M Datasheet(HTML) 1 Page - Abracon Corporation

  AMELA5012S-R68M Datasheet HTML 1Page - Abracon Corporation AMELA5012S-R68M Datasheet HTML 2Page - Abracon Corporation AMELA5012S-R68M Datasheet HTML 3Page - Abracon Corporation AMELA5012S-R68M Datasheet HTML 4Page - Abracon Corporation AMELA5012S-R68M Datasheet HTML 5Page - Abracon Corporation AMELA5012S-R68M Datasheet HTML 6Page - Abracon Corporation AMELA5012S-R68M Datasheet HTML 7Page - Abracon Corporation AMELA5012S-R68M Datasheet HTML 8Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
SMD Molded Power Inductors
AMELA5012S Series
5.4 x 5.1 x 1 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
REVISION Initial Release :
2/28/2025
5101 Hidden Creek Ln, Spicewood TX 78669
Phone: 512-371-6159 Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
Test Frequency: 1.0V/100KHz
All test data referenced to 25°C ambient temperature.
Operating Voltage: 40V Max.
Operating Temp.: -40°C to +125°C (including self-temperature rise)
Storage Temp.: -40°C to +125°C (on board)
Isat: DC current at which the inductance drops 30% from its value without current.
Irms: DC current that causes the temperature rise (ΔT, approximate 40 ˚C) from 25°C ambient.
Rated DC Current: The lower value of Irms and Isat
Part Temperature (Ambient + Temp. Rise): Should not exceed 125°C under worst case operating conditions.
Storage Condition (Component in its packaging)
Temperature: Less than 40°C
Humidity: Less than 85% RH
Part Number
Inductance
Tolerance
DC Resistance
Irms
Isat
0.1MHz/1.0V
Typ.
MAX
Typ.
MAX.
Typ.
MAX.
Units
μH
%
mΩ
A
A
A
A
Symbol
L
M
DCR
Irms
Irms
Isat
Isat
AMELA5012S-R47M
0.47
± 20%
12.0
14.4
9.0
8.0
12.0
10.0
AMELA5012S-R68M
0.68
± 20%
15.0
18.0
8.0
7.5
11.0
9.5
AMELA5012S-1R0M
1.00
± 20%
21.0
24.0
7.0
6.5
10.0
8.6
AMELA5012S-1R5M
1.50
± 20%
26.0
31.2
6.0
5.5
7.2
6.5
AMELA5012S-2R2M
2.20
± 20%
41.0
49.2
5.0
4.5
6.0
5.5
AMELA5012S-3R3M
3.30
± 20%
61.0
73.2
4.5
4.0
5.2
4.7
AMELA5012S-4R7M
4.70
± 20%
84.0
101.0
3.5
3.0
4.1
3.6
AMELA5012S-6R8M
6.80
± 20%
123.0
148.0
3.0
2.6
3.7
3.3
AMELA5012S-100M
10.0
± 20%
168.0
202.0
2.3
2.0
2.7
2.4
•
Low loss realized with low DCR.
•
High Saturation current
•
High performance realized by metal alloy core
•
Ultra-low buzz noise, due to molded, composite
construction.
•
Fully Shielded component
•
100% Lead (Pb)-Free and RoHS compliant.
• DC/DC Switching power supplies
• Po
wer supplies for Notebooks, workstations,
and Servers
•
Low Profile applications
•
High current, transient load applications
•
Consumer applications
•
Medical applications
•
Telecommunication
Features
Applications
Electrical Specifications
Test conditions:


Similar Part No. - AMELA5012S-R68M

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AMELA5010S ABRACON-AMELA5010S Datasheet
1Mb / 9P
SMD Molded Power Inductors
2/28/2025
AMELA5010S-100M ABRACON-AMELA5010S-100M Datasheet
1Mb / 9P
SMD Molded Power Inductors
2/28/2025
AMELA5010S-1R0M ABRACON-AMELA5010S-1R0M Datasheet
1Mb / 9P
SMD Molded Power Inductors
2/28/2025
AMELA5010S-1R2M ABRACON-AMELA5010S-1R2M Datasheet
1Mb / 9P
SMD Molded Power Inductors
2/28/2025
AMELA5010S-1R5M ABRACON-AMELA5010S-1R5M Datasheet
1Mb / 9P
SMD Molded Power Inductors
2/28/2025
More results

Similar Description - AMELA5012S-R68M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTP1330F CT-CTP1330F Datasheet
183Kb / 1P
SMD Power Inductors - Molded
logo
WALSIN TECHNOLOGY CORPO...
WLPM444220 WALSIN-WLPM444220 Datasheet
415Kb / 6P
SMD Molded Power Inductors
WLPH201610_P WALSIN-WLPH201610_P Datasheet
656Kb / 8P
SMD Molded Power Inductors
WLPH201610_S WALSIN-WLPH201610_S Datasheet
451Kb / 8P
SMD Molded Power Inductors
WLPH252010_P WALSIN-WLPH252010_P Datasheet
652Kb / 8P
SMD Molded Power Inductors
WLPH252012_P WALSIN-WLPH252012_P Datasheet
604Kb / 8P
SMD Molded Power Inductors
WLPH252012_S WALSIN-WLPH252012_S Datasheet
423Kb / 8P
SMD Molded Power Inductors
WLPM444220LC WALSIN-WLPM444220LC Datasheet
415Kb / 6P
SMD Molded Power Inductors
WLPM545230LC WALSIN-WLPM545230LC Datasheet
417Kb / 6P
SMD Molded Power Inductors
WLPMA0A040LC WALSIN-WLPMA0A040LC Datasheet
436Kb / 6P
SMD Molded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com