Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31-01-R3C-ARTC Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # 31-01-R3C-ARTC
Description  3mm POWER LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

31-01-R3C-ARTC Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  31-01-R3C-ARTC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 31-01-R3C-ARTC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 31-01-R3C-ARTC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 31-01-R3C-ARTC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 31-01-R3C-ARTC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 31-01-R3C-ARTC Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Technical Data Sheet
3mm POWER LED
31-01/R3C-ARTC/AM
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev.1
Page: 4 of 6
Device number: DLE-301-080
Established date: 04-02-2007
Established by: Jim Lin
Typical Electro-Optical Characteristics Curves
Relative Intensity vs. Wavelength
Forward Current vs. Forward Voltage
Relative Intensity vs. Forward Current
Forward Current vs. Ambient Temp.
Relative Intensity vs. Angle Displacement
Relative Intensity vs. Off Axis Angle
10
30
50
70
0
204060
FORWARD CURRENT (mA)
0.00
0.20
0.40
0.60
0.80
1.00
0
20
40
60
80
100 120 140
0
10
20
30
40
50
60
70
80
AMBIENT TEMPERATURE (C)
580
600
620
640
660
680
WAVELENGTH (nm)
0.00
0.50
1.00
-90
-30
30
90
-60
0
60
VIEWING ANGLE (DEGREE)
0.0
0.5
1.0
1.00.8
0.60.4
0.20.0
0.20.4
0.6
0.8
1.0
80
60
40
20
0
-20
-40
-60
-80
RELATIVE INTENSITY
2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 3.1 3.2
10
20
30
40
50
60
70
80
Forward Voltage(V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com