Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC1SC03 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # EC1SC03
Description   EC1SC SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC1SC03 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  EC1SC03 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC1SC03 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V14
2
SPECIFICATIONS
All Specifications Typical at Nominal Line, Full Load, and 25℃ Unless Otherwise Noted
INPUT SPECIFICATIONS:
GENERAL SPECIFICATIONS:
Input Voltage Range ....………….….... 24V …..………………….…..….. 9-36V
Efficiency ................................................................................. See Table
48V ………………..…………… 18-72V
Isolation Voltage ...........................................................… 1500 VDC min.
Input Surge Voltage (100ms max.) ………….….… 24V …............. 50Vdc max.
Isolation Resistance .........................................……….......…… 10
8 ohms
48V .............. 100Vdc max.
Isolation Capacitance …………………..…………………..… 1000pF typ.
Input Filter ………………………………………….……………………..... Pi Type
Switching Frequency ...................................................... 300KHz typ.
Positive Logic Remote On/Off Control …………….……………. See Note3
Operating Ambient Temperature Range …..................... –25℃ to +71℃
OUTPUT SPECIFICATIONS:
De-rating, Above 60℃ ……………… Linearly to Zero Power at +100℃
Voltage Accuracy
Case Temperature (note4) …….......................................... 100℃ max.
Single Output …………….….…………………….….. ±1.0% max.
Storage Temperature Range ………….…....………..... –55℃ to +105℃
Dual +Output ……….…………………………………. ±1.0% max.
Humidity ................................................. 95% RH max. Non Condensing
Dual –Output …………………………………….……. ±2.0% max.
MTBF ………. MIL-HDBK-217F, GB, 25℃, Full Load ……1500Khrs typ.
Voltage Balance, Dual Output at Full Load ………………………… ±1.0% max.
EMI/RFI ………………………………………. Six Sided Continuous Shield
Transient Response
Dimensions ……………… 2.00×1.60×0.45 inches (50.8×40.6×11.4mm)
Single 25% Step Load Change …………………………..……………<500u sec.
Case Material …….… Black Coated Copper with Non-Conductive Base
Dual FL-1/2L±1% Error Band …………………………………..…….. <500u sec.
Weight ……………..……………….…………………………………….. 53g
External Trim Adj, Range …………………………………………………. ±10%
NOTE:
Ripple & Noise, 20MHz BW ……..………………………….... 20mV RMS, max.
1. Measured from high line to low line.
75mV p-p max.
2. Measured from full load to 1/4 load.
Temperature Coefficient …………………………......……….. ±0.02%/°C max.
3. Remote on/off control:
Short Circuit Protection …………………………………….……….. Continuous
Logic Compatibility ……….…………….. CMOS or open collector TTL
Line Regulation (note1) …...............................................…..… ±0.5% max.
Ec-on ……………….………….. >+5.5VDC to 75VDC or open circuit
Load Regulation (note2)...……….......................................…...... ±0.5% max.
Ec-off ……………..…………………………………..… 0 to <1.8 VDC
Start up Time …………………………………….………………..…... 270ms typ.
Control common…………….……………….referenced to input minus
4. Maximum case temperature under any operating condition should
not be exceeded 100℃.
Case SC Dimensions:
4
3
1
6
8
7
BOTTOM VIEW
Pin
1
3
4
5
6
7
Single Output
On/Off Control
-V Input
+V Input
-V Output
Trim
All Dimensions In Inches(mm)
5
8
+V Output
No Pin
Dual Output
On/Off Control
Trim
Common
+V Output
PIN CONNECTIONS
1.60
[40.6]
0.300
[7.62]
0.100
[2.54]
0.70
[17.8]
0.200
[5.08]
0.600
[15.24]
0.500
[12.70]
0.700
[17.78]
0.45
[11.4]
0.22
[5.6]
Tolerances
Inches: X.XX= ±0.04 , X.XXX= ±0.010
Millimeters: X.X= ±1.0 , X.XX=±0.25
-V Input
+V Input
-V Output
NOTE: Pin Size is 0.04±0.004 Inch (1.0±0.1mm)DIA
Typical Derating curve for Natural Convection
100
60
-25
0%
20%
40%
60%
80%
100%
120%
-25
0
25
50
75
100
Ambient Temperature(
oC)
Natural
Convection
EXTERNAL OUTPUT TRIM
Output may optionally be externally trimmed (±10%) with a
fixed resistor or an external trimpot as shown.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com