Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS85R4M1TA Datasheet(PDF) 3 Page - RAMXEED LIMITED

Part # MS85R4M1TA
Description  4 M (512 K × 8) Bit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MS85R4M1TA Datasheet(HTML) 3 Page - RAMXEED LIMITED

  MS85R4M1TA Datasheet HTML 1Page - RAMXEED LIMITED MS85R4M1TA Datasheet HTML 2Page - RAMXEED LIMITED MS85R4M1TA Datasheet HTML 3Page - RAMXEED LIMITED MS85R4M1TA Datasheet HTML 4Page - RAMXEED LIMITED MS85R4M1TA Datasheet HTML 5Page - RAMXEED LIMITED MS85R4M1TA Datasheet HTML 6Page - RAMXEED LIMITED MS85R4M1TA Datasheet HTML 7Page - RAMXEED LIMITED MS85R4M1TA Datasheet HTML 8Page - RAMXEED LIMITED MS85R4M1TA Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
DS501-00093-1v1-E
3
MS85R4M1TA
PIN DESCRIPTIONS
Pin Number(TSOP)
Pin Name
Functional Description
39, 5 to 1, 44 to 42,
27 to 18
A0 to A18
Address Input pins
Select 262,144 words in FeRAM memory array by 18
Address Input pins. When these address inputs are changed
during /CE equals to “L” level, reading operation of data
selected in the address after transition will start.
9 to 10, 13 to 14,
31 to 32, 35 to 36
I/O0 to I/O7
Data Input/Output pins
These are 8 bits bidirectional pins for reading and writing.
6
/CE
Chip Enable Input pin
In case the /CE equals to “L” level and /ZZ equals to “H” level,
device is activated and enables to start memory access.
In writing operation, input data from I/O pins are latched at
the rising edge of /CE and written to FeRAM memory array.
17
/WE
Write Enable Input pin
Writing operation starts at the falling edge of /WE.
Input data from I/O pins are latched at the rising edge of /WE
and written to FeRAM memory array.
41
/OE
Output Enable Input pin
When the /OE is “L” level, valid data are output to data bus.
When the /OE is “H” level, all I/O pins become high
impedance (High-Z) state.
40
/ZZ
Sleep Mode Input pin
When the /ZZ becomes to “L” level, device transits to the
Sleep Mode.
During reading and writing operation, /ZZ pin shall be hold
“H” level.
11, 33
VDD
Supply Voltage pins
Connect all two pins to the power supply.
12, 29, 34, 37, 38
VSS
Ground pins
Connect all pins to ground.
7 to 8, 15 to 16, 28, 30
NC
No connected pins
Leave them open or connect to VDD or VSS.
Note: Please refer to the timing diagram for functional description of each pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com