Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

640 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 640
Description  STAINLESS THIN CONDUCTIVE THREAD - 2 PLY - 23 METER/76 FT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

640 Datasheet(HTML) 1 Page - Adafruit Industries

  640 Datasheet HTML 1Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEARABLES / FLORA / STAINLESS THIN CONDUCTIVE THREAD - 2 PLY - 23 METER/76 FT
•
Description
After months of searching, we finally have what we consider to be the ultimate conductive thread. It's
thin, strong, smooth, and made completely of 316L stainless steel. Once you start working with this
thread you'll quickly agree its optimal for any wearables work
This thread is 2 ply, a little thicker than every day polyester or cotton thread but still thin enough to be
sewn by hand in medium-eye needles or with a sewing machine that can handle 'heavy' thread. Because
it is strong and smooth, its ideal for any wearable/e-textile project. It also has fairly low resistivity, 16
ohms per foot so you can use it to drive LEDs and other electronic components that use under ~50mA.
Because it is made of stainless steel fibers, it will not oxidize like silver does: your projects will not
'stop working' because of oxidation after a few months and its safe to wash. However, this thread is a
little 'stiff', it feels a little like 'waxed thread' and is not ideal for making iPhone-compatible gloves. If
you want to sew conductive thread into the pads of gloves, check out our thin conductive yarn!
Comes in a small metal (or plastic) bobbin with 23 meters wound on. We also have a version of this
thread with 3 ply.
•
Technical Details
Measures 0.2mm thick, 2 ply thread, 1.3 ohm per inch


Similar Part No. - 640

ManufacturerPart #DatasheetDescription
logo
Littelfuse
640 LITTELFUSE-640 Datasheet
113Kb / 1P
MINIATURE FUSEHOLDERS
640 LITTELFUSE-640 Datasheet
91Kb / 1P
MINIATURE FUSEHOLDERS
logo
Oscilent Corporation
640 OSCILENT-640 Datasheet
141Kb / 3P
Quartz Stability
logo
3M Electronics
640 3M-640 Datasheet
567Kb / 6P
3M™ Scotch® Transparent Film Tape 640
Oct-2016
logo
France Joint
640 FRANCEJOINT-640 Datasheet
368Kb / 3P
ROD SEALS
More results

Similar Description - 640

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2288 MICREL-MIC2288 Datasheet
116Kb / 10P
1A 1.2 MHZ PWM BOOST CONVERTER IN THIN SOT 23 AND 2 X MLF
logo
Vishay Siliconix
MPMA1002AT1 VISHAY-MPMA1002AT1 Datasheet
105Kb / 4P
Matched Pair, Molded, Automotive, Thin Film, SOT-23, Resistor
03-Dec-12
logo
List of Unclassifed Man...
E501002 ETC2-E501002 Datasheet
97Kb / 2P
2 meter (6.6 ft.), Unshielded with solid conductors (ref Belden Bonded-Pair Cable 7923A).
E505002 ETC2-E505002 Datasheet
97Kb / 2P
2 meter (6.6 ft.), Shielded with solid conductors (ref: Belden Bonded-Pair Cable 7958A).
E601002 ETC2-E601002 Datasheet
96Kb / 2P
2 meter (6.6 ft.), unshielded with solid conductors (ref: Belden Bonded-Pair Cable 7940A).
E605002 ETC2-E605002 Datasheet
97Kb / 2P
2 meter (6.6 ft.), Shielded with solid conductors (ref: Belden Bonded-Pair Cable 7953A).
logo
SparkFun Electronics
DEV-10867 SPARKFUN-DEV-10867 Datasheet
103Kb / 1P
Conductive Thread Bobbin - 30ft (Stainless Steel)
8/4/2016
DEV-11791 SPARKFUN-DEV-11791 Datasheet
88Kb / 1P
Conductive Thread - 60g (Stainless Steel)
9??2??7
DEV-13814 SPARKFUN-DEV-13814 Datasheet
107Kb / 1P
Smooth Thread Bobbin - 12m (Stainless Steel)
4/12/2016
logo
List of Unclassifed Man...
SX-4001A ETC-SX-4001A Datasheet
888Kb / 1P
Ultra-small ultra-thin DC measuting digital panel meter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com