Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34-01-R5C-ARTC Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # 34-01-R5C-ARTC
Description  5mm POWER LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

34-01-R5C-ARTC Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  34-01-R5C-ARTC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 34-01-R5C-ARTC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 34-01-R5C-ARTC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 34-01-R5C-ARTC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 34-01-R5C-ARTC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 34-01-R5C-ARTC Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical Data Sheet
5mm POWER LED
34-01/R5C-ARTC
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1
Page: 2 of 6
Device number:DLE-304-039
Established date: 05-10-2007
Established by: Jim Lin
Package Dimensions
Notes: 1.All dimensions are in millimeters
2.An epoxy meniscus may extend about 1.5mm(0.059") down the leads
3.Tolerances unless dimensions ±0.25mm
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Units
Continuous Forward Current
IF
70
mA
Peak Forward Current(Duty 1/10 @ 1KHZ)
IFP
160
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-40 ~ +100
℃
Storage Temperature
Tstg
-40 ~ +100
℃
Soldering Temperature(T=5 sec)
Tsol
260 ± 5
℃
LED Junction Temperature
Tj
115
℃
Power Dissipation
Pd
220
mW
Electrostatic Discharge
ESD
2K
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com