Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASP86 Datasheet(PDF) 1 Page - FIBOX Enclosing innovations

Part # ASP86
Description  PC Enclosure
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIBOX [FIBOX Enclosing innovations]
Direct Link  http://www.fibox.co.kr/
Logo FIBOX - FIBOX Enclosing innovations

ASP86 Datasheet(HTML) 1 Page - FIBOX Enclosing innovations

  ASP86 Datasheet HTML 1Page - FIBOX Enclosing innovations  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Enclosing innovations
9.17'' [232.8]
7.06'' [179.3]
4.88'' [124.0]
4'' [101.6]
9.29'' [236.0]
6.73'' [171.0]
7.9'' [200.6]
5.96'' [151.3]
Top View - cover removed
10-32 inserts
Wall fastening lug
9.52'' [241.8]
10-32 Inserts
5.71'' [145.0]
5.06'' [128.5]
.24'' [6.0]
1.65'' [42.0]
8.27'' [209.9]
Hinged with latch
7.69'' [195.4]
Hinged screw cover
7.43'' [188.8]
Screw cover
1/2
1.44'' [36.7]
1.73'' [44.0]
4.33'' [110.1]
.14'' [3.5]
.16'' [4.0]
.12'' [3.0]
5.02'' [127.6]
.13'' [3.2]
KO base
ARCA ARK865SC
Order symbol:
ARK865SC
EAN:
6418074096241
Product nbr:
8561448
El. number:
Description:
PC Enclosure
Finland:
Remarks:
Opaque screw cover. Base
includes 1/2 and 3/4 inch
knock-outs.
Including: Screw cover. Base with 10-32 brass inserts, cover with formed in place PUR gasket and
4 stainless cover screws. Base includes 1/2 and 3/4 inch knock-outs. Enclosure mounting foot kit.
Accessory 10-32 screws for panel mounting.
Dimensions:
Length
Width
Height
mm:
203
152
127
inch:
8.0
6.0
5.0
Materials:
Material:
Polycarbonate
Base colour:
RAL 7035 -light grey
Cover screws material:
Stainless steel
Cover colour:
RAL 7035 -light grey
Gasket material:
Polyurethane
Temperatures:
Temperature °C (short term):
-40 … 140 °C
Temperature °C (continuous):
-40 … 80 °C
Temperature °F (short term):
-40 … 284 °F
Temperature °F (continuous):
-40 … 175 °F
Accessories:
ABP86
Painted Steel Back Panel
Accessories:
ALBP86
Aluminum Back Panel
ADFP86
Dead Front Panel w/ screws
ASP86
Aluminum Swing Panel
ASPK86
Swing Panel Kit incl. Panel
ASPHK8
Swing Panel Kit w/o Panel
AMFL6
6" Mounting Flange Set
Rating:
Ingress Protection (EN 60529): IP66/IP67
Impact Resistance (EN 62262): IK07/IK08
Electrical insulation: Totally insulated
Halogen free (DIN/VDE 0472, Part 815): 1
UV resistance: UL 508
Flammability Rating: UL 508
Glow Wire Test (IEC 695-2-1) °C: 960
NEMA Class: UL Type 4, 4X, 6, 6P, 12 and 13
© Fibox Oy, Data subject to change without notice (printed: 18.5.2018)


Similar Part No. - ASP86

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
ASP MSYSTEM-ASP Datasheet
126Kb / 4P
Limit Alarms (potentiometer adj.) A-UNIT
logo
PCTEL, Inc.
ASP PCTEL-ASP Datasheet
141Kb / 1P
Silhouette Low-Profile Transit Antennas
logo
Samtec, Inc
ASP-103597-01-B SAMTEC-ASP-103597-01-B Datasheet
478Kb / 2P
VITA 42 (LEADED) SOCKET ASSEMBLY
ASP-103597-01-B SAMTEC-ASP-103597-01-B Datasheet
719Kb / 2P
VITA 42 (LEAD FREE) SOCKET ASSEMBLY
ASP-103597-01-B SAMTEC-ASP-103597-01-B Datasheet
400Kb / 2P
VITA 42 (LEAD FREE) SOCKET ASSEMBLY
More results

Similar Description - ASP86

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
6011902 FIBOX-6011902 Datasheet
68Kb / 3P
Enclosure. PC
05.08.2022
6011931 FIBOX-6011931 Datasheet
85Kb / 3P
Enclosure. PC
05.08.2022
6012331 FIBOX-6012331 Datasheet
445Kb / 3P
Enclosure. PC
05.08.2022
6012915 FIBOX-6012915 Datasheet
69Kb / 3P
Enclosure. PC
05.08.2022
6016324 FIBOX-6016324 Datasheet
72Kb / 3P
Enclosure. PC
08.08.2022
6016334 FIBOX-6016334 Datasheet
89Kb / 3P
Enclosure. PC
08.08.2022
8724003 FIBOX-8724003 Datasheet
66Kb / 2P
Enclosure, PC
13.01.2023
8724305 FIBOX-8724305 Datasheet
444Kb / 2P
Enclosure, PC
13.01.2023
2539523 FIBOX-2539523 Datasheet
66Kb / 2P
Enclosure, PC
11.01.2023
2539555 FIBOX-2539555 Datasheet
452Kb / 2P
Enclosure, PC
11.01.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com