Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39200PU33R Datasheet(PDF) 3 Page - STMicroelectronics

Part # LD39200PU33R
Description  2 A high PSRR ultra low drop linear regulator with reverse current protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39200PU33R Datasheet(HTML) 3 Page - STMicroelectronics

  LD39200PU33R Datasheet HTML 1Page - STMicroelectronics LD39200PU33R Datasheet HTML 2Page - STMicroelectronics LD39200PU33R Datasheet HTML 3Page - STMicroelectronics LD39200PU33R Datasheet HTML 4Page - STMicroelectronics LD39200PU33R Datasheet HTML 5Page - STMicroelectronics LD39200PU33R Datasheet HTML 6Page - STMicroelectronics LD39200PU33R Datasheet HTML 7Page - STMicroelectronics LD39200PU33R Datasheet HTML 8Page - STMicroelectronics LD39200PU33R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
2
Pin configuration and description
Figure 2. Pin configuration (top view)
AM13909V1
IN
IN
EN
PG
OUT
OUT
ADJ/S ENS E
GND
OUT
ADJ/S ENS E
GND
IN
EN
PG
Table 1. DFN6 (3 x 3 mm) package pin description
Pin name
Pin number
Description
IN
6
Input voltage
GND
3
Ground
EN
5
Enable pin. The device is in OFF state when this pin is pulled low
ADJ/sense (1)
2
Adjustable pin on ADJ version can be connected to external resistor divider to set the output
voltage.
Output sense pin on the fixed version has to be connected to VOUT
OUT
1
Output voltage
PG
4
Power Good
GND
Exposed pad Exposed pad should be connected to GND
1. The output sense pin of the fixed version has to be connected to the output pin for proper operation.
Table 2. DFN8 (4 x 4 mm) package pin description
Pin name
Pin number
Description
IN (1)
7, 8
Input voltage
GND
4
Ground
EN
6
Enable pin. The device is in OFF state when this pin is pulled low
ADJ/sense (2)
3
Adjustable pin on ADJ version can be connected to external resistor divider to set the output
voltage.
Output sense pin on the fixed version has to be connected to VOUT
OUT (3)
1, 2
Output voltage
PG
5
Power Good
GND
Exposed pad Exposed pad should be connected to GND
1. Both of input pins have to be connected together on the board.
2. The output sense pin of the fixed version has to be connected to the OUT pin for proper operation.
3. Both of output pins have to be connected together on the board.
LD39200
Pin configuration and description
DS10079 - Rev 3
page 3/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com