Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20M120S Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS20M120S
Description  120 V power Schottky rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20M120S Datasheet(HTML) 4 Page - STMicroelectronics

  STPS20M120S Datasheet HTML 1Page - STMicroelectronics STPS20M120S Datasheet HTML 2Page - STMicroelectronics STPS20M120S Datasheet HTML 3Page - STMicroelectronics STPS20M120S Datasheet HTML 4Page - STMicroelectronics STPS20M120S Datasheet HTML 5Page - STMicroelectronics STPS20M120S Datasheet HTML 6Page - STMicroelectronics STPS20M120S Datasheet HTML 7Page - STMicroelectronics STPS20M120S Datasheet HTML 8Page - STMicroelectronics STPS20M120S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Figure 5. Reverse leakage current versus reverse voltage
applied (typical values)
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
10
20
3 0
40
5 0
60
7 0
80
90
100 110 120
IR(µA)
Tj = 100 °C
Tj = 125 °C
Tj = 150 °C
Tj = 50 °C
Tj = 25 °C
VR(V)
Tj = 75 °C
Figure 6. Junction capacitance versus reverse voltage
applied (typical values)
10
100
1000
1
10
100
1000
C(pF)
VR(V)
F = 1 MHz
VOSC = 30 mVRMS
Tj = 25 °C
Figure 7. Forward voltage drop versus forward current
0.1
1.0
10.0
100.0
1000.0
0.0
0.2
0.4
0 .6
0.8
1.0
1.2
1.4
1.6
Tj = 125 °C
(typical values)
Tj = 125 °C
(maximum values)
Tj = 25 °C
(maximum values)
VF(V)
IF(A)
STPS20M120S
Characteristics (curves)
DS8943 - Rev 3
page 4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com