Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20M120STN Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPS20M120STN
Description  120 V power Schottky rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20M120STN Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPS20M120STN Datasheet HTML 4Page - STMicroelectronics STPS20M120STN Datasheet HTML 5Page - STMicroelectronics STPS20M120STN Datasheet HTML 6Page - STMicroelectronics STPS20M120STN Datasheet HTML 7Page - STMicroelectronics STPS20M120STN Datasheet HTML 8Page - STMicroelectronics STPS20M120STN Datasheet HTML 9Page - STMicroelectronics STPS20M120STN Datasheet HTML 10Page - STMicroelectronics STPS20M120STN Datasheet HTML 11Page - STMicroelectronics STPS20M120STN Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
3
Ordering information
Table 6. Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
STPS20M120STN
PS20M120STN
TO-220AB narrow leads
1.90 g
50
Tube
STPS20M120SR
PS20M120SR
I2PAK
1.50 g
50
Tube
STPS20M120S
Ordering information
DS8943 - Rev 3
page 10/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com