Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30L60CW Datasheet(PDF) 12 Page - STMicroelectronics

Part # STPS30L60CW
Description  Power Schottky rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30L60CW Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STPS30L60CW Datasheet HTML 5Page - STMicroelectronics STPS30L60CW Datasheet HTML 6Page - STMicroelectronics STPS30L60CW Datasheet HTML 7Page - STMicroelectronics STPS30L60CW Datasheet HTML 8Page - STMicroelectronics STPS30L60CW Datasheet HTML 9Page - STMicroelectronics STPS30L60CW Datasheet HTML 10Page - STMicroelectronics STPS30L60CW Datasheet HTML 11Page - STMicroelectronics STPS30L60CW Datasheet HTML 12Page - STMicroelectronics STPS30L60CW Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Ordering information
STPS30L60C
12/13
Doc ID 6479 Rev 10
3
Ordering information
4
Revision history
Table 11.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery
mode
STPS30L60CW
STPS30L60CW
TO-247
4.4 g
30
Tube
STPS30L60CT
STPS30L60CT
TO-220AB
2.3 g
50
Tube
STPS30L60CG
STPS30L60CG
D2PAK
1.5 g
50
Tube
STPS30L60CG-TR
STPS30L60CG
D2PAK
1.5 g
1000
Tape and reel
STPS30L60CR
STPS30L60CR
I2PAK
1.49 g
50
Tube
STPS30L60CFP
STPS30L60CFP
TO-220FPAB
2.0 g
50
Tube
STPS30L60CTN
STPS30L60CTN
TO-220AB
narrow leads
1.9 g
50
Tube
Table 12.
Document revision history
Date
Revision
Description of changes
July-2003
3B
Initial release
16-Oct-2006
4
Reformatted to current standards. Corrected dimensions for
I2PAK in Table 5.
28-Nov-2006
5
Added TO-220FPAB package. Added STPS30L60CG-TR to
ordering information.
07-Mar-2007
6
Updated thermal parameters in Table 2.
31-Mar-2007
7
Updated TC = 110 °C in Table 1.
25-Aug-2008
8
Reformatted to current standards. Updated ECOPACK
statement. Updated torque values and dimension illustration for
TO-247 in Section 2.
07-Feb-2011
9
Added electrical diagram on first page. Added parameters VARM
and VASM to Table 2. Added Figure 12. Updated and added
warning paragraph above Table 9. Updated Table 11.
15-Jun-2012
10
Added TO-220AB narrow leads package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com