Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30M100S Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS30M100S
Description  100 V power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30M100S Datasheet(HTML) 4 Page - STMicroelectronics

  STPS30M100S Datasheet HTML 1Page - STMicroelectronics STPS30M100S Datasheet HTML 2Page - STMicroelectronics STPS30M100S Datasheet HTML 3Page - STMicroelectronics STPS30M100S Datasheet HTML 4Page - STMicroelectronics STPS30M100S Datasheet HTML 5Page - STMicroelectronics STPS30M100S Datasheet HTML 6Page - STMicroelectronics STPS30M100S Datasheet HTML 7Page - STMicroelectronics STPS30M100S Datasheet HTML 8Page - STMicroelectronics STPS30M100S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Figure 5. Relative variation of thermal impedance junction
to case versus pulse duration (TO-220FPAB)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Single pulse
tp(s)
Zth(j-c) /Rth(j-c)
Figure 6. Reverse leakage current versus reverse voltage
applied (typical values)
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0
10
20
30
40
50
60
70
80
90
100
IR(mA)
Tj=150 °C
Tj=125 °C
Tj=25°C
Tj=100 °C
Tj=75°C
Tj=50°C
VR(V)
Figure 7. Junction capacitance versus reverse voltage
applied (typical values)
100
1000
10000
1
1 0
100
F= 1 M Hz
Vosc = 30 mV
Tj = 25° C
C(pF)
VR(V)
Figure 8. Forward voltage drop versus forward current
(high level)
0
20
40
60
80
100
120
140
160
180
200
0.0
0 .2
0.4
0 .6
0.8
1 .0
1.2
1 .4
1.6
1 .8
2.0
IF(A)
Tj =25°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj =125°C
(Maximum values)
Tj=125°C
(Typical values)
Tj =125°C
(Typical values)
V (V)
F
Figure 9. Forward voltage drop versus forward current (low level)
0
5
10
15
20
25
30
0.0
0 .2
0.4
0 .6
0.8
1.0
Tj =25°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj =125°C
(Maximum values)
Tj=125°C
(Typical values)
Tj =125°C
(Typical values)
V (V)
F
IF(A)
STPS30M100S
Characteristics (curves)
DS6171 - Rev 4
page 4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com