Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30L60CG Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS30L60CG
Description  Power Schottky rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30L60CG Datasheet(HTML) 4 Page - STMicroelectronics

  STPS30L60CG Datasheet HTML 1Page - STMicroelectronics STPS30L60CG Datasheet HTML 2Page - STMicroelectronics STPS30L60CG Datasheet HTML 3Page - STMicroelectronics STPS30L60CG Datasheet HTML 4Page - STMicroelectronics STPS30L60CG Datasheet HTML 5Page - STMicroelectronics STPS30L60CG Datasheet HTML 6Page - STMicroelectronics STPS30L60CG Datasheet HTML 7Page - STMicroelectronics STPS30L60CG Datasheet HTML 8Page - STMicroelectronics STPS30L60CG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Characteristics
STPS30L60C
4/13
Doc ID 6479 Rev 10
Figure 6.
Relative variation of thermal
impedance junction to case versus
pulse duration
Figure 7.
Relative variation of thermal
impedance junction to case versus
pulse duration (TO-220FPAB)
1E-4
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
Z/R
th(j-c)
th(j-c)
t (s)
p
Single pulse
δ = 0.1
δ = 0.2
δ = 0.5
TO-220AB, TO-220 narrow leads
TO-247, D2PAK, I2PAK
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
δ=0.1
δ=0.2
δ=0.5
Single pulse
T
δ=tp/T
tp
Z/R
th(j-c)
th(j-c)
t (s)
p
Figure 8.
Reverse leakage current versus
reverse voltage applied
(typical values, per diode)
Figure 9.
Junction capacitance versus
reverse voltage applied
(typical values, per diode)
0
5
10 15 20 25 30 35 40 45 50 55 60
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
I (mA)
R
Tj=125°C
Tj=25°C
Tj=150°C
Tj=100°C
Tj=75°C
Tj=50°C
V (V)
R
1
10
100
0.1
0.2
0.5
1.0
2.0
C(nF)
F=1MHz
Tj=25°C
VR(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com