Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30M60DJF Datasheet(PDF) 6 Page - STMicroelectronics

Part # STPS30M60DJF
Description  60 V, 30 A high efficiency PowerFLAT power Schottky diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30M60DJF Datasheet(HTML) 6 Page - STMicroelectronics

  STPS30M60DJF Datasheet HTML 1Page - STMicroelectronics STPS30M60DJF Datasheet HTML 2Page - STMicroelectronics STPS30M60DJF Datasheet HTML 3Page - STMicroelectronics STPS30M60DJF Datasheet HTML 4Page - STMicroelectronics STPS30M60DJF Datasheet HTML 5Page - STMicroelectronics STPS30M60DJF Datasheet HTML 6Page - STMicroelectronics STPS30M60DJF Datasheet HTML 7Page - STMicroelectronics STPS30M60DJF Datasheet HTML 8Page - STMicroelectronics STPS30M60DJF Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Table 4. PowerFLAT 5x6 mechanical data
Dimensions
Ref
Millimeters
Inches (for reference only)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
1.00
0.031
0.039
A1
0.00
0.05
0.000
0.002
b
0.30
0.50
0.01
0.02
c
0.25
0.010
D
4.80
5.40
0.189
0.212
D2
3.91
4.45
0.154
0.175
e
1.27
0.050
E
5.90
6.35
0.232
0.250
E2
3.34
3.70
0.138
0.146
L
0.50
0.80
0.020
0.031
K
1.10
1.575
0.015
0.023
L1
0.05
0.15
0.25
0.002
0.006
0.009
Figure 10. PowerFLAT 5x6 recommended footprint (dimensions are in mm)
Note:
For packing information, please refer to TN1173.
STPS30M60DJF
PowerFLAT 5x6 package information
DS9019 - Rev 2
page 6/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com