Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6246ITDY Datasheet(PDF) 94 Page - STMicroelectronics

Part # STM8AF6246ITDY
Description  Automotive 8-bit MCU, with up to 32 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6246ITDY Datasheet(HTML) 94 Page - STMicroelectronics

Back Button STM8AF6246ITDY Datasheet HTML 90Page - STMicroelectronics STM8AF6246ITDY Datasheet HTML 91Page - STMicroelectronics STM8AF6246ITDY Datasheet HTML 92Page - STMicroelectronics STM8AF6246ITDY Datasheet HTML 93Page - STMicroelectronics STM8AF6246ITDY Datasheet HTML 94Page - STMicroelectronics STM8AF6246ITDY Datasheet HTML 95Page - STMicroelectronics STM8AF6246ITDY Datasheet HTML 96Page - STMicroelectronics STM8AF6246ITDY Datasheet HTML 97Page - STMicroelectronics STM8AF6246ITDY Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 99 page
background image
Revision history
STM8AF6246/48/66/68
94/99
DocID14952 Rev 11
14
Revision history
Table 50. Document revision history
Date
Revision
Changes
22-Aug-2008
1
Initial release
10-Aug-2009
2
Document revised as the following:
Updated Features;
Updated Table: Device summary;
Updated Section: Product line-up;
Changed Section: Product overview;
Updated Section: Pinouts and pin description;
Changed Section: Register map;
Updated Section: Interrupt table;
Updated Section: Option bytes;
Updated Section: Electrical characteristics;
Updated Section: Package information;
Updated Section: Ordering information;
Added Section: STM8 development tools.
22-Oct-2009
3
Adapted Table: STM8AF61xx/62xx (32 Kbyte) microcontroller pin
description.
Added Section: LIN header error when automatic resynchronization
is enabled.
08-Jul-2010
4
Updated title on cover page.
Added VFQFPN32 5x 5 mm package.
Added STM8AF62xx devices, and modified cover page header to
clarify the part numbers covered by the datasheets. Updated Note 1
below Table: Device summary.
Updated D temperature range to -40 to 150°C.
Content of Section: Product overview reorganized.
Renamed Section: Memory and register map, and content merged
with Register map section.
Renamed BL_EN and NBL_EN, BL and NBL, respectively, in Table:
Option bytes.
Added Table: Operating lifetime.
Added CEXT and PD (power dissipation) in Table: General operating
conditions, and Section: VCAP external capacitor.
Suffix D maximum junction temperature (TJ) updated in Table:
General operating conditions.
Update tVDD in Table: Operating conditions at power-up/power-down.
Moved Table: Typical peripheral current consumption VDD = 5.0 V to
Section: Current consumption for on-chip peripherals and removed
IDD(CAN).
Updated Section: Ordering information for the devices supported by
the datasheet.
Updated Section: STM8 development tools.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com