Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30M60 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS30M60
Description  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30M60 Datasheet(HTML) 4 Page - STMicroelectronics

  STPS30M60 Datasheet HTML 1Page - STMicroelectronics STPS30M60 Datasheet HTML 2Page - STMicroelectronics STPS30M60 Datasheet HTML 3Page - STMicroelectronics STPS30M60 Datasheet HTML 4Page - STMicroelectronics STPS30M60 Datasheet HTML 5Page - STMicroelectronics STPS30M60 Datasheet HTML 6Page - STMicroelectronics STPS30M60 Datasheet HTML 7Page - STMicroelectronics STPS30M60 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
STPS30M60
4/8
DocID022045 Rev 2
Figure 8. Forward voltage drop versus forward
current
Figure 9. Reverse safe operating area
(tp < 1 µs and Tj < 150 °C)
0.1
1.0
10.0
100.0
1000.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
I(A)
FM
(Maximum values)
T = 25 °C
j
(Maximum values)
T = 125 °C
j
(Typical values)
T = 125 °C
j
V(V)
FM
40.0
50.0
60.0
70.0
80.0
90.0
100.0
110.0
120.0
130.0
140.0
80
85
90
95
100
105
110
115
120
I(A)
arm
I
(V
) 150 °C, 1µs
arm
arm
V(V)
arm
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com