Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LE128E-RGLA3:P-TY Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS25LE128E-RGLA3:P-TY
Description  SERIAL FLASH MEMORY 133/166MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LE128E-RGLA3:P-TY Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS25LE128E-RGLA3:P-TY Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25LE128E-RGLA3:P-TY Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25LE128E-RGLA3:P-TY Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25LE128E-RGLA3:P-TY Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25LE128E-RGLA3:P-TY Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LE128E-RGLA3:P-TY Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LE128E-RGLA3:P-TY Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LE128E-RGLA3:P-TY Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25LE128E-RGLA3:P-TY Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 197 page
background image
IS25LE256E/128E
IS25WE256E/128E
Integrated Silicon Solution, Inc.- www.issi.com
6
Rev.A9
03/07/2023
8.44 FAST READ QUAD IO DTR MODE OPERATION IN SPI MODE (FRQDTR, EDh or 4FRQDTR, EEh)
...................................................................................................................................................................136
8.45 SECTOR LOCK/UNLOCK FUNCTIONS ...........................................................................................144
8.46 AUTOBOOT.......................................................................................................................................147
8.47 READ BANK ADDRESS REGISTER OPERATION (RDBR: 16h/C8h) ............................................151
8.48 WRITE BANK ADDRESS REGISTER OPERATION (WRBRNV: 18h, WRBRV: 17h/C5h) .............152
8.49 ENTER 4-BYTE ADDRESS MODE OPERATION (EN4B, B7h) .......................................................153
8.50 EXIT 4-BYTE ADDRESS MODE OPERATION (EX4B, 29h) ............................................................154
8.51 READ DYB OPERATION (RDDYB, FAh or 4RDDYB, E0h) .............................................................155
8.52 WRITE DYB OPERATION (WRDYB, FBh or 4WRDYB, E1h) ..........................................................157
8.53 READ PPB OPERATION (RDPPB, FCh or 4RDPPB, E2h) .............................................................159
8.54 PROGRAM PPB OPERATION (PGPPB, FDh or 4PGPPB, E3h) .....................................................160
8.55 ERASE PPB OPERATION (ERPPB, E4h) ........................................................................................162
8.56 READ ASP OPERATION (RDASP, 2Bh) ..........................................................................................163
8.57 PROGRAM ASP OPERATION (PGASP, 2Fh)..................................................................................164
8.58 READ PPB LOCK BIT OPERATION (RDPLB, A7h) .........................................................................165
8.59 WRITE PPB LOCK BIT OPERATION (WRPLB, A6h).......................................................................166
8.60 SET FREEZE BIT OPERATION (SFRZ, 91h) ...................................................................................167
8.61 READ PASSWORD OPERATION (RDPWD, E7h) ...........................................................................168
8.62 PROGRAM PASSWORD OPERATION (PGPWD, E8h) ..................................................................169
8.63 UNLOCK PASSWORD OPERATION (UNPWD, E9h) ......................................................................170
8.64 GANG SECTOR/BLOCK LOCK OPERATION (GBLK, 7Eh) ............................................................171
8.65 GANG SECTOR/BLOCK UNLOCK OPERATION (GBUN, 98h).......................................................172
8.66 DATA LEARNING PATTERN (DLP)..................................................................................................173
8.67 PROGRAM NVDLR OPERATION (PNVDLR, 43h)...........................................................................176
8.68 WRITE VDLR OPERATION (WRVDLR, 4Ah) ...................................................................................177
8.69 READ DLP OPERATION (RDDLP, 41h) ...........................................................................................178
8.70 WRITE ECC REGISTER OPERATION (WRECC, B5h) ...................................................................179
8.71 READ ECC REGISTER OPERATION (RDECC, B3h)......................................................................180
8.72 CLEAR ECC REGISTER OPERATION (CLECC, B6h) ....................................................................181
9.
ELECTRICAL CHARACTERISTICS..........................................................................................................182
9.2 ABSOLUTE MAXIMUM RATINGS (1) ..................................................................................................182
9.3 OPERATING RANGE ..........................................................................................................................182
9.4 DC CHARACTERISTICS.....................................................................................................................183
9.5 AC MEASUREMENT CONDITIONS ...................................................................................................184
9.6 Pin CAPACITANCE .............................................................................................................................184
9.7 AC CHARACTERISTICS .....................................................................................................................185
9.8 SERIAL INPUT/OUTPUT TIMING.......................................................................................................187
9.9 POWER-UP AND POWER-DOWN .....................................................................................................189
9.10 PROGRAM/ERASE PERFORMANCE ..............................................................................................190



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com