Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA1677DBVR Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA1677DBVR
Description  OPA167x Low-Distortion Audio Operational Amplifiers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA1677DBVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA1677DBVR Datasheet HTML 17Page - Texas Instruments OPA1677DBVR Datasheet HTML 18Page - Texas Instruments OPA1677DBVR Datasheet HTML 19Page - Texas Instruments OPA1677DBVR Datasheet HTML 20Page - Texas Instruments OPA1677DBVR Datasheet HTML 21Page - Texas Instruments OPA1677DBVR Datasheet HTML 22Page - Texas Instruments OPA1677DBVR Datasheet HTML 23Page - Texas Instruments OPA1677DBVR Datasheet HTML 24Page - Texas Instruments OPA1677DBVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
8.2.1.2.2 Input Network
Resistors R3 and R4 provide a pathway for the input bias current of the OPA1678 while maintaining the high
input impedance of the circuit. The contact microphone capacitance and the required
low-frequency response determine the values of R3 and R4. The –3-dB frequency formed by the microphone
capacitance and amplifier input impedance is shown in Equation 4:
3dB
3
4
MIC
1
F
20 Hz
2
(R
R ) C
d
˜ S ˜
˜
(4)
A piezo element with 8 nF of capacitance was selected for this design because the 9-kHz resonance is towards
the upper end of the audible bandwidth, and is less likely to affect the frequency response of many musical
instruments. The minimum value for resistors R3 and R4 is then calculated with Equation 5:
3
4
IN
IN
3dB
MIC
R
R
R
1
1
R
497.4 k
4
F
C
4
20 Hz 8 nF
t
t
t
:
˜ S ˜
˜
˜ S ˜
˜
(5)
1-MΩ resistors are selected for R3 and R4 to make sure the circuit meets the design requirements for –3-dB
bandwidth. The center point of resistors R3 and R4 is biased to half the supply voltage through the voltage
divider formed by R5 and R6. This sets the input common-mode voltage of the circuit to a value within the input
voltage range of the OPA1678. Piezo elements can produce very large voltages if the elements are struck with
sufficient force. To prevent damage, the input of the OPA1678 is protected by a transient voltage suppressor
(TVS) diode placed across the preamplifier inputs. The TPD1E1B04 TVS was selected due to low capacitance
and the 6.4-V clamping voltage does not clamp the desired low amplitude vibration signals. Resistors R14 and
R15 limit current flow into the amplifier inputs in the event that the internal protection diodes of the amplifier are
forward-biased.
8.2.1.2.3 Gain
R7, R8, and R9 determines the gain of the preamplifier circuit. The gain of the circuit is shown in Equation 6:
7
9
V
8
R
R
A
1
10 V/V
R
(6)
Resistors R7 and R9 are selected with a value of 2 kΩ to avoid loading the output of the OPA1678 and
producing distortion. The value of R8 is then calculated in Equation 7:
7
9
8
V
R
R
2 k
2 k
R
444.4
442
A
1
10
1
:
:
: o
:
(7)
Capacitors C3 and C4 limit the bandwidth of the circuit so that signals outside the audio bandwidth are not
amplified. The corner frequency produced by capacitors C3 and C4 is shown in Equation 8. This corner
frequency must be above the desired –3-dB bandwidth point to avoid attenuating high-frequency audio signals.
3
4
FB
FB
3dB
7/9
C
C
C
1
1
C
3.98 nF
2
F
R
2
20 kHz 2 k
d
d
d
˜ S ˜
˜
˜ S ˜
˜
:
(8)
C3 and C4 are 390-pF capacitors, which places the corner frequency approximately 1 decade above the desired
–3-dB bandwidth point. Capacitors C3 and C4 must be NP0 or C0G type ceramic capacitors or film capacitors.
Other ceramic dielectrics, such as X7R, are not suitable for these capacitors and produce distortion.
www.ti.com
OPA1677, OPA1678, OPA1679
SBOS855E – JANUARY 2017 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA1677 OPA1678 OPA1679



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com