Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA810 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA810
Description  OPA810 140MHz, Rail-to-Rail Input and Output, FET-Input Operational Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA810 Datasheet(HTML) 2 Page - Texas Instruments

  OPA810 Datasheet HTML 1Page - Texas Instruments OPA810 Datasheet HTML 2Page - Texas Instruments OPA810 Datasheet HTML 3Page - Texas Instruments OPA810 Datasheet HTML 4Page - Texas Instruments OPA810 Datasheet HTML 5Page - Texas Instruments OPA810 Datasheet HTML 6Page - Texas Instruments OPA810 Datasheet HTML 7Page - Texas Instruments OPA810 Datasheet HTML 8Page - Texas Instruments OPA810 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device Comparison Table...............................................2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................4
6.5 Electrical Characteristics: 10 V................................... 5
6.6 Electrical Characteristics: 24 V................................... 7
6.7 Electrical Characteristics: 5 V..................................... 9
6.8 Typical Characteristics: VS = 10 V.............................11
6.9 Typical Characteristics: VS = 24 V............................ 14
6.10 Typical Characteristics: VS = 5 V............................ 17
6.11 Typical Characteristics: ±2.375-V to ±12-V Split
Supply......................................................................... 19
7 Detailed Description......................................................22
7.1 Overview................................................................... 22
7.2 Functional Block Diagram......................................... 22
7.3 Feature Description...................................................23
7.4 Device Functional Modes..........................................24
8 Application and Implementation.................................. 25
8.1 Application Information............................................. 25
8.2 Typical Applications.................................................. 30
8.3 Power Supply Recommendations.............................34
8.4 Layout....................................................................... 34
9 Device and Documentation Support............................37
9.1 Third-Party Products Disclaimer............................... 37
9.2 Documentation Support............................................ 37
9.3 Receiving Notification of Documentation Updates....37
9.4 Support Resources................................................... 37
9.5 Trademarks...............................................................37
9.6 Electrostatic Discharge Caution................................37
9.7 Glossary....................................................................37
10 Revision History.......................................................... 38
11 Mechanical, Packaging, and Orderable
Information.................................................................... 38
4 Device Comparison Table
DEVICE
VS±
(V)
IQ/CHANNEL
(mA)
GBWP
(MHz)
SLEW RATE
(V/μs)
VOLTAGE NOISE
(nV/√Hz)
AMPLIFIER DESCRIPTION
OPA2810
±12
3.6
70
192
6
Unity-gain stable FET input
OPA607
±2.5
0.9
50
24
3.8
Gain of 6, stable, low-cost CMOS amplifier
THS4631
±15
13
210
900
7
Unity-gain stable FET input
OPA859
±2.625
20.5
1800
1150
3.3
Unity-gain stable FET input
OPA818
±6.5
27.7
2700
1400
2.2
Gain of 7, stable FET input
OPA810
SBOS799E – AUGUST 2019 – REVISED AUGUST 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com