Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8574 Datasheet(PDF) 13 Page - Texas Instruments

Part # PCF8574
Description  PCF8574 Remote 8-Bit I/O Expander for I2C Bus
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCF8574 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCF8574 Datasheet HTML 9Page - Texas Instruments PCF8574 Datasheet HTML 10Page - Texas Instruments PCF8574 Datasheet HTML 11Page - Texas Instruments PCF8574 Datasheet HTML 12Page - Texas Instruments PCF8574 Datasheet HTML 13Page - Texas Instruments PCF8574 Datasheet HTML 14Page - Texas Instruments PCF8574 Datasheet HTML 15Page - Texas Instruments PCF8574 Datasheet HTML 16Page - Texas Instruments PCF8574 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
To Interrupt
Logic
P0−P7
VCC
GND
C
S
I
D
Q
FF
C
S
I
D
Q
FF
Write Pulse
Data From
Shift Register
Power-On
Reset
Read Pulse
Data to
Shift Register
100 µA
Figure 7-2. Simplified Schematic Diagram of Each P-Port Input or Output
7.3 Feature Description
7.3.1 I2C Interface
I2C communication with this device is initiated by a controller sending a start condition, a high-to-low transition
on the SDA I/O while the SCL input is high. After the start condition, the device address byte is sent, most-
significant bit (MSB) first, including the data direction bit (R/ W). This device does not respond to the general call
address. After receiving the valid address byte, this device responds with an acknowledge, a low on the SDA I/O
during the high of the acknowledge-related clock pulse. The address inputs (A0–A2) of the target device must
not be changed between the start and the stop conditions.
The data byte follows the address acknowledge. If the R/ W bit is high, the data from this device are the values
read from the P port. If the R/ W bit is low, the data are from the controller, to be output to the P port. The
data byte is followed by an acknowledge sent from this device. If other data bytes are sent from the controller,
following the acknowledge, they are ignored by this device. Data are output only if complete bytes are received
and acknowledged. The output data will be valid at time, tpv, after the low-to-high transition of SCL and during
the clock cycle for the acknowledge.
A stop condition, which is a low-to-high transition on the SDA I/O while the SCL input is high, is sent by the
controller.
7.3.2 Interface Definition
BYTE
BIT
7 (MSB)
6
5
4
3
2
1
0 (LSB)
I2C target address
L
H
L
L
A2
A1
A0
R/ W
I/O data bus
P7
P6
P5
P4
P3
P2
P1
P0
www.ti.com
PCF8574
SCPS068K – JULY 2001 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: PCF8574



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com