Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8574ADGVR Datasheet(PDF) 22 Page - Texas Instruments

Part # PCF8574ADGVR
Description  PCF8574A Remote 8-Bit I/O Expander for I2C Bus
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCF8574ADGVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCF8574ADGVR Datasheet HTML 18Page - Texas Instruments PCF8574ADGVR Datasheet HTML 19Page - Texas Instruments PCF8574ADGVR Datasheet HTML 20Page - Texas Instruments PCF8574ADGVR Datasheet HTML 21Page - Texas Instruments PCF8574ADGVR Datasheet HTML 22Page - Texas Instruments PCF8574ADGVR Datasheet HTML 23Page - Texas Instruments PCF8574ADGVR Datasheet HTML 24Page - Texas Instruments PCF8574ADGVR Datasheet HTML 25Page - Texas Instruments PCF8574ADGVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
9 Device and Documentation Support
9.1 Documentation Support
9.1.1 Glossary
SLYZ022 — TI Glossary.
This glossary lists and explains terms, acronyms and definitions.
9.2 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. In the upper
right corner, click on Alert me to register and receive a weekly digest of any product information that has
changed. For change details, review the revision history included in any revised document.
9.3 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
9.4 Trademarks
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
9.5 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
9.6 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
10 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision G (August 2021) to Revision H (September 2024)
Page
• Update Absolute Max Voltage from 7V to 6.5V.................................................................................................. 4
• Update Thermal Information for RGY, PW, and DW packages.......................................................................... 4
• Update IOH polarity and increase limit from -300μA to -310μA...........................................................................5
• Removed footnote #2 from Electrical Characteristics ........................................................................................5
• Updated IIHL test condition..................................................................................................................................5
• Changed Spike filter limit from 100ns to 70ns max............................................................................................ 5
• Updated VPORF and VPORR values.............................................................................................................. 18
Changes from Revision F (January 2015) to Revision G (August 2021)
Page
• Globally changed instances of legacy terminology to commander and responder where mentioned................1
• Changed Figure 6-2 Responder address from: S0100 To: S0111......................................................................9
• Changed Figure 7-1 .........................................................................................................................................14
• Changed Note B from: configured as 0100000to: configured as 0111000....................................................... 16
PCF8574A
SCPS069H – JULY 2001 – REVISED SEPTEMBER 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: PCF8574A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com