Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1795DBRG4 Datasheet(PDF) 22 Page - Texas Instruments

Part # PCM1795DBRG4
Description  PCM1795 32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1795DBRG4 Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM1795DBRG4 Datasheet HTML 18Page - Texas Instruments PCM1795DBRG4 Datasheet HTML 19Page - Texas Instruments PCM1795DBRG4 Datasheet HTML 20Page - Texas Instruments PCM1795DBRG4 Datasheet HTML 21Page - Texas Instruments PCM1795DBRG4 Datasheet HTML 22Page - Texas Instruments PCM1795DBRG4 Datasheet HTML 23Page - Texas Instruments PCM1795DBRG4 Datasheet HTML 24Page - Texas Instruments PCM1795DBRG4 Datasheet HTML 25Page - Texas Instruments PCM1795DBRG4 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
Reset
Reset Removal
1024SystemClocks
InternalReset
SystemClock
RST (Pin14)
t
(RST)
1.4V
Reset
1024SystemClocks
V
DD
2.4V(Max)
2V(Typ)
1.6V(Min)
InternalReset
SystemClock
ResetRemoval
PCM1795
SLES248A – MAY 2009 – REVISED MARCH 2015
www.ti.com
7.5.1.2 Power-On and External Reset Functions
The PCM1795 includes a power-on reset function, as shown in Figure 40. With VDD > 2 V, the power-on reset
function is enabled. The initialization sequence requires 1024 system clocks from the time VDD > 2 V. After the
initialization period, the PCM1795 is set to its default reset state, as described in Mode Control Registers.
The PCM1795 also includes an external reset capability using the RST input (pin 14). This feature allows an
external controller or master reset circuit to force the PCM1795 to initialize to the default reset state.
Figure 41 and Table 5 show the external reset operation and timing. The RST pin is set to logic 0 for a minimum
of 20 ns. The RST pin is then set to a logic 1 state, thus starting the initialization sequence that requires 1024
system clock periods. The external reset is especially useful in applications where there is a delay between the
PCM1795 power-up and system clock activation.
Figure 40. Power-On Reset Timing
Figure 41. External Reset Timing
Table 5. External Reset Timing Characteristics for Figure 41
MIN
MAX
UNIT
t(RST)
Reset pulse duration, low
20
ns
7.5.2 Function Descriptions
7.5.2.1 Zero Detect
The PCM1795 has a zero-detect function. When the PCM1795 detects the zero conditions as shown in Table 6,
the PCM1795 sets ZEROL (pin 1) and ZEROR (pin 2) high.
22
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com