Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2704CDB Datasheet(PDF) 35 Page - Texas Instruments

Part # PCM2704CDB
Description  PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output and S/PDIF Output
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2704CDB Datasheet(HTML) 35 Page - Texas Instruments

Back Button PCM2704CDB Datasheet HTML 31Page - Texas Instruments PCM2704CDB Datasheet HTML 32Page - Texas Instruments PCM2704CDB Datasheet HTML 33Page - Texas Instruments PCM2704CDB Datasheet HTML 34Page - Texas Instruments PCM2704CDB Datasheet HTML 35Page - Texas Instruments PCM2704CDB Datasheet HTML 36Page - Texas Instruments PCM2704CDB Datasheet HTML 37Page - Texas Instruments PCM2704CDB Datasheet HTML 38Page - Texas Instruments PCM2704CDB Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 53 page
background image
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
32
9
31
10
30
11
29
12
28
13
27
14
26
15
25
16
PGND
V
CCP
(3)
HOST
(2)
FUNC3
FUNC0
HID0/MS
HID1/MC
HID2/MD
V
BUS
D+
D-
V
DD
DGND
FUNC1
FUNC2
DOUT
PCM2707CPJT
+
C
5
C
3
C
4
C
6
SUSPEND
R
1
R
4
R
3
R
12
R
2
(3)
R
5
C
2
C
7
X
1
C
1
GND
USB ‘B’
Connector
D-
D+
V
BUS
(3)
+
C
8
+
C
9
R
10
R
11
R
6
C
11
C
10
R
7
R
8
R
9
Headphone
Power
3.3 V
GND
TAS300x
(4)
2
I S I/F
Audio Device
DIN
LRCK
MS
MC
MD
BCK
SYSTEM CLOCK
DOUT
(3)
PCM2704C, PCM2705C, PCM2706C, PCM2707C
www.ti.com
SBFS036B – MAY 2015 – REVISED AUGUST 2015
10.2.3 Typical Circuit Connection 3: DSP Surround Processing Amplifier
Figure 37 shows a typical circuit connection for an I2S- and SPI-enabled self-powered application.
NOTE: X1: 12-MHz crystal resonator. C1, C2: 10- to 33-pF capacitors (depending on load capacitance of crystal resonator). C3, C4: 1-μF
ceramic capacitors. C5, C7: 0.1-μF ceramic capacitor and 10-μF electrolytic capacitor. C6: 10-μF electrolytic capacitors. C8, C9: 100-μF
electrolytic capacitors (depending on required frequency response). C10, C11: 0.022-μF ceramic capacitors. R1, R12: 1-MΩ resistors. R2, R5:
1.5-k
Ω resistors. R3, R4: 22-Ω resistors. R6, R7: 16-Ω resistors. R8to R11: 3.3-kΩ resistors.
(1) Output impedance of VOUTL and VOUTR during suspend mode or lack of power supply is 26 kΩ ±20%, which is the discharge path for C8
and C9.
(2) Descriptor programming through SPI is only available when PSEL and HOST are high.
(3) D+ pullup must not be activated (high: 3.3 V) while the device is detached from USB or power supply is not applied on VDD and VCCx.
VBUS of USB (5 V) can be used to detect USB power status.
(4) MS must be high until the PCM2707C power supply is ready and the SPI host (the DSP) is ready to send data. Also, the SPI host must
handle the D+ pullup if the descriptor is programmed through the SPI. D+ pullup must not be activated (high = 3.3 V) before programming of
the PCM2707C through the SPI is complete.
Figure 37. Self-Powered Application
NOTE
The circuit shown in Figure 37 is for information only. The entire board design should be
considered to meet the USB specification as a USB-compliant product.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: PCM2704C PCM2705C PCM2706C PCM2707C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com