Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2912APJT Datasheet(PDF) 8 Page - Texas Instruments

Part # PCM2912APJT
Description  PCM2912A Audio Codec With USB Interface, Mono Microphone Input and Stereo Headphone Output
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2912APJT Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM2912APJT Datasheet HTML 4Page - Texas Instruments PCM2912APJT Datasheet HTML 5Page - Texas Instruments PCM2912APJT Datasheet HTML 6Page - Texas Instruments PCM2912APJT Datasheet HTML 7Page - Texas Instruments PCM2912APJT Datasheet HTML 8Page - Texas Instruments PCM2912APJT Datasheet HTML 9Page - Texas Instruments PCM2912APJT Datasheet HTML 10Page - Texas Instruments PCM2912APJT Datasheet HTML 11Page - Texas Instruments PCM2912APJT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
PCM2912A
SLES230A – SEPTEMBER 2008 – REVISED AUGUST 2015
www.ti.com
Electrical Characteristics (continued)
All specifications at TA = 25°C, VBUS = 5 V, fS = 44.1 kHz, fIN = 1 kHz, and 16-bit data, unless otherwise noted. for Host
interface, apply USB revision 2.0, full-speed. For audio data format, use UsB isochronous data format.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SIDETONE PROGRAMMABLE ATTENUATOR
Gain range
–76
0
dB
Gain step size
1
dB
OUTPUT PROGRAMMABLE ATTENUATOR
Gain range
–76
0
dB
Gain step size
1
dB
ANALOG LOOPBACK PERFORMANCE(8)
RL > 10 kΩ, VIN = 0 dB of 0.43 VCCA
0.01%
0.02%
THD+N
Total harmonic distortion plus noise
RL = 32 Ω, VIN = 0 dB of 0.43 VCCA
0.02%
0.05%
Dynamic range
EIAJ, A-weighted
82
90
dB
SNR
Signal-to-noise ratio
EIAJ, A-weighted
84
92
dB
DAC DIGITAL FILTER PERFORMANCE
Passband
0.445 fS
Hz
Stop band
0.555 fS
Hz
Passband ripple
±0.1
dB
Stop-band attenuation
–43
dB
Delay time
14.3/fS
s
POWER-SUPPLY REQUIREMENTS
VBUS
Voltage range
Bus-powered
4.35
5
5.25
VDC
ADC, DAC operation (RL = 32 Ω)
85
100
mA
Supply current
Suspend mode(9)
220
300
μA
ADC, DAC Operation
425
500
mW
Power dissipation
Suspend mode(9)
0.8
1
mW
VCCP,VCCL
Internally-generated power supply
VCCR,VCCA
3
3.3
3.6
VDC
voltage(10)
VDD
TEMPERATURE RANGE
Operation temperature
–25
85
°C
(8)
MIC Amp = 0 dB, Sidetone attenuator = 0 dB, Output attenuator = 0 dB.
(9)
Under USB suspend state
(10) Pins 5, 15, 19, 21, 26: VDD, VCCA, VCCL, VCCR, VCCP.
8
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: PCM2912A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com