Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2906CDB.B Datasheet(PDF) 22 Page - Texas Instruments

Part # PCM2906CDB.B
Description  Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2906CDB.B Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM2906CDB.B Datasheet HTML 18Page - Texas Instruments PCM2906CDB.B Datasheet HTML 19Page - Texas Instruments PCM2906CDB.B Datasheet HTML 20Page - Texas Instruments PCM2906CDB.B Datasheet HTML 21Page - Texas Instruments PCM2906CDB.B Datasheet HTML 22Page - Texas Instruments PCM2906CDB.B Datasheet HTML 23Page - Texas Instruments PCM2906CDB.B Datasheet HTML 24Page - Texas Instruments PCM2906CDB.B Datasheet HTML 25Page - Texas Instruments PCM2906CDB.B Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
D+/D–
2.5V(Typ)
0V
InternalReset
ReadyforSetup
SOF
ReadyforPlayback
BusReset
SetConfiguration
SOF
SOF
BPZ
BusIdle
5V (Typ)
1 AudioData
st
2
AudioData
nd
V
(Pin3)
BUS
SSPND
V
L
OUT
V
R
OUT
700 s
m
DeviceSetup
1ms
T0055-02
D+/D–
V
L
OUT
V
R
OUT
AudioData
AudioData
Last AudioData
Detach
SOF
SOF
SOF
SOF
SOF
1ms
V
(Pin3)
BUS
T0056-02
PCM2906C
SBFS037
– NOVEMBER 2011
www.ti.com
INTERFACE SEQUENCE
Power-On, Attach, and Playback Sequence
The PCM2906C is ready for setup when the reset sequence has finished and the USB device is attached. After a
connection has been established by setup, the PCM2906C is ready to accept USB audio data. While waiting for
the audio data (idle state), the analog output is set to bipolar zero (BPZ).
When receiving the audio data, the PCM2906C stores the first audio packet, which contains 1-ms audio data,
into the internal storage buffer. The PCM2906C starts playing the audio data when detecting the next
start-of-frame (SOF) packet, as illustrated in Figure 32.
Figure 32. Initial Sequence
Play, Stop, and Detach Sequence
When the host finishes or aborts the playback, the PCM2906C stops playing after the last audio data have
played, as shown in Figure 33.
Figure 33. Play, Stop, and Detach Sequence
22
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): PCM2906C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com