Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMELH5020S-R56MT Datasheet(PDF) 1 Page - Abracon Corporation

Part # AMELH5020S-R56MT
Description  Flat Wire / Hot Pressed Molded Power Inductor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AMELH5020S-R56MT Datasheet(HTML) 1 Page - Abracon Corporation

  AMELH5020S-R56MT Datasheet HTML 1Page - Abracon Corporation AMELH5020S-R56MT Datasheet HTML 2Page - Abracon Corporation AMELH5020S-R56MT Datasheet HTML 3Page - Abracon Corporation AMELH5020S-R56MT Datasheet HTML 4Page - Abracon Corporation AMELH5020S-R56MT Datasheet HTML 5Page - Abracon Corporation AMELH5020S-R56MT Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Flat Wire / Hot Pressed Molded Power Inductor
AMELH5020S
5.5 x 5.3 x 1.9 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
REVISION Initial Release :
6/16/2025
12117 Bee Caves Rd, Bldg-3, Suite 200
Bee Cave, TX 78738
Phone: 512-371-6159 Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
Part Number
Inductance
Tolerance
DC Resistance
Saturation
Current
Temperature
Rise Current
SRF
0.1MHz/1.0V
Max
Typ.
Typ.
Max.
Typ.
Max.
Units
μH
%
A
A
MHz
Symbol
L
M
DCR
Isat
Irms
F
AMELH5020S-R16MT
0.16
20
2.1
1.8
37.0
33.0
30.0
26.0
165
AMELH5020S-R33MT
0.33
20
3.2
2.7
30.0
26.0
25.0
22.0
88
AMELH5020S-R47MT
0.47
20
4.3
3.9
23.0
20.0
22.1
19.0
70
AMELH5020S-R56MT
0.56
20
4.9
4.3
21.0
18.0
19.5
17.0
63
AMELH5020S-R68MT
0.68
20
6.1
5.5
20.0
17.0
18.0
16.0
60
AMELH5020S-R82MT
0.82
20
6.7
5.8
17.5
15.5
17.1
15.2
52
AMELH5020S-R86MT
0.86
20
7.8
6.8
17.0
15.0
16
14
50
AMELH5020S-R90MT
0.90
20
7.8
6.8
16.5
14.5
15.6
13.5
50
AMELH5020S-1R0MT
1.00
20
8.7
7.7
16.0
15.0
15.0
13.0
47
AMELH5020S-1R2MT
1.20
20
10.1
8.8
14.5
13.0
13.3
11.5
40
AMELH5020S-1R5MT
1.50
20
13.2
11.6
14.0
12.5
12.8
11.0
38
AMELH5020S-1R8MT
1.80
20
16.2
14.5
12.5
11.0
11.7
9.8
32
AMELH5020S-2R2MT
2.20
20
18.5
16
11.0
9.8
10.7
9.2
30
AMELH5020S-3R3MT
3.30
20
26.5
23
9.0
8.0
9.4
7.8
25
AMELH5020S-4R7MT
4.70
20
41.5
36
7.0
6.0
7.9
6.5
20
Low-DCR
Ultra-low AC losses
High saturation current
Soft saturation characteristics
Minimal audible buzzing
Consumer Electronics
Industrial Electronics
Telecom equipment’s
Electrical Specifications
Applications
Features


Similar Part No. - AMELH5020S-R56MT

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AMELH5030S ABRACON-AMELH5030S Datasheet
884Kb / 6P
Flat Wire / Hot Pressed Molded Power Inductor
6/16/2025
AMELH5030S-1R0MT ABRACON-AMELH5030S-1R0MT Datasheet
884Kb / 6P
Flat Wire / Hot Pressed Molded Power Inductor
6/16/2025
AMELH5030S-1R2MT ABRACON-AMELH5030S-1R2MT Datasheet
884Kb / 6P
Flat Wire / Hot Pressed Molded Power Inductor
6/16/2025
AMELH5030S-1R5MT ABRACON-AMELH5030S-1R5MT Datasheet
884Kb / 6P
Flat Wire / Hot Pressed Molded Power Inductor
6/16/2025
AMELH5030S-1R8MT ABRACON-AMELH5030S-1R8MT Datasheet
884Kb / 6P
Flat Wire / Hot Pressed Molded Power Inductor
6/16/2025
More results

Similar Description - AMELH5020S-R56MT

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
A9860-B COILCRAFT-A9860-B Datasheet
76Kb / 2P
Flat Wire Power Inductor
logo
Allied Components Inter...
FWPQ2616 ALLIED-FWPQ2616 Datasheet
3Mb / 1P
Flat Wire SMD Power Inductor
logo
Coilcraft lnc.
A9860 COILCRAFT-A9860_15 Datasheet
394Kb / 2P
Flat Wire Power Inductor
logo
XFMRS Inc.
XFPQ2013-4R7M XFMRS-XFPQ2013-4R7M Datasheet
38Kb / 1P
Flat Wire Power Inductor
logo
Allied Components Inter...
FWECY1390 ALLIED-FWECY1390 Datasheet
688Kb / 1P
Shielded Flat Wire Power Inductor
FWPQ2617S-330K ALLIED-FWPQ2617S-330K Datasheet
3Mb / 1P
Flat Wire SMD Power Inductor
logo
MPS Industries, Inc.
H1100 MPSIND-H1100 Datasheet
316Kb / 1P
FLAT WIRE HIGH CURRENT INDUCTOR
logo
Coilcraft lnc.
A9860-B COILCRAFT-A9860-B_15 Datasheet
394Kb / 2P
Flat Wire Power Inductor
logo
FENGJUI TECHNOLOGY CO.,...
HFMP1005 FENGJUI-HFMP1005 Datasheet
143Kb / 2P
Flat wire Inductor-RoHS
HFMP1365 FENGJUI-HFMP1365 Datasheet
148Kb / 3P
Flat wire Inductor-RoHS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com