Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMELH5030S-R68MT Datasheet(PDF) 6 Page - Abracon Corporation

Part # AMELH5030S-R68MT
Description  Flat Wire / Hot Pressed Molded Power Inductor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AMELH5030S-R68MT Datasheet(HTML) 6 Page - Abracon Corporation

  AMELH5030S-R68MT Datasheet HTML 1Page - Abracon Corporation AMELH5030S-R68MT Datasheet HTML 2Page - Abracon Corporation AMELH5030S-R68MT Datasheet HTML 3Page - Abracon Corporation AMELH5030S-R68MT Datasheet HTML 4Page - Abracon Corporation AMELH5030S-R68MT Datasheet HTML 5Page - Abracon Corporation AMELH5030S-R68MT Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Flat Wire / Hot Pressed Molded Power Inductor
AMELH5030S
5.5 x 5.3 x 2.9 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
REVISION Initial Release :
6/16/2025
12117 Bee Caves Rd, Bldg-3, Suite 200
Bee Cave, TX 78738
Phone: 512-371-6159 Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
Tape & Reel: 2000 pcs/reel
Dimensions: mm
A0
B0
W
E
F
P
P1
P2
D
T
K0
6 Ref 5.7 Ref 16±0.3 1.75±0.1 5.5±0.1
8±0.1 4±0.1 2±0.1
1.5±0.1
0.35±0.1
3.3 Ref
Type
A
B
C
D
13”x12mm 16.4+2.0/-0.0 100.0±2.0 13.0+0.5/-0.2 330.0
ATTENTION: Abracon LLC’s products are Commercial-Off-The-Shelf (COTS, which are designed, intended and validated for use in commercial, industrial and automotive
applications. The customer is responsible for testing and verifying the performance of an Abracon solution to meet their system-level requirements.
Packaging



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com