Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMELH5050S-R82MT Datasheet(PDF) 1 Page - Abracon Corporation

Part # AMELH5050S-R82MT
Description  Flat Wire / Hot Pressed Molded Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AMELH5050S-R82MT Datasheet(HTML) 1 Page - Abracon Corporation

  AMELH5050S-R82MT Datasheet HTML 1Page - Abracon Corporation AMELH5050S-R82MT Datasheet HTML 2Page - Abracon Corporation AMELH5050S-R82MT Datasheet HTML 3Page - Abracon Corporation AMELH5050S-R82MT Datasheet HTML 4Page - Abracon Corporation AMELH5050S-R82MT Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Flat Wire / Hot Pressed Molded Power Inductor
AMELH5050S
5.5 x 5.3 x 4.8 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
REVISION Initial Release :
6/18/2025
12117 Bee Caves Rd, Bldg-3, Suite 200
Bee Cave, TX 78738
Phone: 512-371-6159 Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
Test Conditions:
Isat: DC current at which the inductance drops 30% from its nominal value.
Irms: DC current that causes the temperature rise (ΔT, approximate 40 ˚C) from 25°C ambient.
Operating Voltage: 40V
Operating Temperature: -40˚C ~ +125˚C. (including self-temperature rise)
Storage Condition: -40˚C ~ +125˚C (on board), -10˚C ~ +40˚C (with packaging) and R.H. 85% max.
AMELH5050S Series is RoHS Compliant and Pb free.
Part Number
Inductance
Tolerance
DC
Resistance
Saturation
Current
Temperature
Rise Current
Self-Resonant
Frequency
0.1MHz/
1.0V
Typ
Max
Typ Max
Typ
Max
Min
Units
μH
%
mΩ
A
A
MHZ
Symbol
L
M
DCR
Isat
Irms
SRF
AMELH5050S-R18MT
0.18
20
1.1
1.4
40.0
36.0
35.0
31.0
155
AMELH5050S-R22MT
0.22
20
1.3
1.6
35.0
31.0
31.0
27.0
125
AMELH5050S-R33MT
0.33
20
1.6
2.0
34.0
30.0
30.0
26.0
100
AMELH5050S-R50MT
0.50
20
2.1
2.6
28.0
26.0
27.0
25.0
78
AMELH5050S-R56MT
0.56
20
2.4
2.9
26.0
24.0
25.0
23.0
72
AMELH5050S-R72MT
0.72
20
2.7
3.3
24.0
22.0
23.5
21.5
60
AMELH5050S-R82MT
0.82
20
2.9
3.5
21.0
19.0
23.0
20.0
55
AMELH5050S-1R0MT
1.0
20
3.3
3.9
19.0
17.0
21.0
18.0
50
AMELH5050S-1R2MT
1.2
20
3.9
4.6
17.0
15.0
20.0
17.0
45
AMELH5050S-1R5MT
1.5
20
4.6
5.6
15.0
13.0
18.0
16.0
35
AMELH5050S-1R8MT
1.8
20
6.5
7.8
13.5
12.0
16.0
14.0
33
AMELH5050S-2R2MT
2.2
20
7.4
8.2
12.5
11.0
15.0
13.0
29
AMELH5050S-3R3MT
3.3
20
10.0
11.5
11.0
10.0
12.5
11.0
25
AMELH5050S-4R7MT
4.7
20
14.1
16.0
9.5
8.5
10.0
8.5
19
AMELH5050S-5R6MT
5.6
20
17.5
19.3
8.2
7.5
8.2
7.5
16
AMELH5050S-6R8MT
6.8
20
20.0
23.0
7.8
7.0
7.8
7.0
14
AMELH5050S-8R2MT
8.2
20
24.5
27.5
7.3
6.5
7.3
6.5
13
AMELH5050S-100MT
10.0
20
29.0
33.0
6.5
5.6
6.5
5.6
12
AMELH5050S-120MT
12.0
20
39.1
43.0
6.2
5.2
5.5
5.0
11
AMELH5050S-150MT
15.0
20
50.0
55.0
5.5
4.7
5.0
4.5
9
AMELH5050S-220MT
22.0
20
70.3
79.5
5.0
4.5
4.5
4.0
8
•
Excellent current capacity – up to 40A
•
Exceptionally low DCR – down to only 1.1mΩ
•
Soft saturation
•
Compact size for high-density designs
•
Shielded constructions for low EMI
•
Body electronics
•
Lighting
•
Motor control
•
Solar inverters and solar power
•
DC/DC converters in distributed power systems
•
Battery powered device
Electrical Specifications
Applications
Features


Similar Part No. - AMELH5050S-R82MT

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AMELH5020S ABRACON-AMELH5020S Datasheet
892Kb / 6P
Flat Wire / Hot Pressed Molded Power Inductor
6/16/2025
AMELH5020S-1R0MT ABRACON-AMELH5020S-1R0MT Datasheet
892Kb / 6P
Flat Wire / Hot Pressed Molded Power Inductor
6/16/2025
AMELH5020S-1R2MT ABRACON-AMELH5020S-1R2MT Datasheet
892Kb / 6P
Flat Wire / Hot Pressed Molded Power Inductor
6/16/2025
AMELH5020S-1R5MT ABRACON-AMELH5020S-1R5MT Datasheet
892Kb / 6P
Flat Wire / Hot Pressed Molded Power Inductor
6/16/2025
AMELH5020S-1R8MT ABRACON-AMELH5020S-1R8MT Datasheet
892Kb / 6P
Flat Wire / Hot Pressed Molded Power Inductor
6/16/2025
More results

Similar Description - AMELH5050S-R82MT

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
A9860-B COILCRAFT-A9860-B Datasheet
76Kb / 2P
Flat Wire Power Inductor
logo
Allied Components Inter...
FWPQ2616 ALLIED-FWPQ2616 Datasheet
3Mb / 1P
Flat Wire SMD Power Inductor
logo
Coilcraft lnc.
A9860 COILCRAFT-A9860_15 Datasheet
394Kb / 2P
Flat Wire Power Inductor
logo
XFMRS Inc.
XFPQ2013-4R7M XFMRS-XFPQ2013-4R7M Datasheet
38Kb / 1P
Flat Wire Power Inductor
logo
Allied Components Inter...
FWECY1390 ALLIED-FWECY1390 Datasheet
688Kb / 1P
Shielded Flat Wire Power Inductor
FWPQ2617S-330K ALLIED-FWPQ2617S-330K Datasheet
3Mb / 1P
Flat Wire SMD Power Inductor
logo
MPS Industries, Inc.
H1100 MPSIND-H1100 Datasheet
316Kb / 1P
FLAT WIRE HIGH CURRENT INDUCTOR
logo
Coilcraft lnc.
A9860-B COILCRAFT-A9860-B_15 Datasheet
394Kb / 2P
Flat Wire Power Inductor
logo
FENGJUI TECHNOLOGY CO.,...
HFMP1005 FENGJUI-HFMP1005 Datasheet
143Kb / 2P
Flat wire Inductor-RoHS
HFMP1365 FENGJUI-HFMP1365 Datasheet
148Kb / 3P
Flat wire Inductor-RoHS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com