Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM5101APWR Datasheet(PDF) 36 Page - Texas Instruments

Part # PCM5101APWR
Description  PCM510xA 2.1 VRMS, 112/106/100 dB Audio Stereo DAC with PLL and 32-bit, 384 kHz PCM Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5101APWR Datasheet(HTML) 36 Page - Texas Instruments

Back Button PCM5101APWR Datasheet HTML 32Page - Texas Instruments PCM5101APWR Datasheet HTML 33Page - Texas Instruments PCM5101APWR Datasheet HTML 34Page - Texas Instruments PCM5101APWR Datasheet HTML 35Page - Texas Instruments PCM5101APWR Datasheet HTML 36Page - Texas Instruments PCM5101APWR Datasheet HTML 37Page - Texas Instruments PCM5101APWR Datasheet HTML 38Page - Texas Instruments PCM5101APWR Datasheet HTML 39Page - Texas Instruments PCM5101APWR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
7-Oct-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
PCM5100APW
Active
Production
TSSOP (PW) | 20
70 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM5100A
PCM5100APW.A
Active
Production
TSSOP (PW) | 20
70 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM5100A
PCM5100APWR
Active
Production
TSSOP (PW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM5100A
PCM5100APWR.A
Active
Production
TSSOP (PW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM5100A
PCM5100APWRG4
Active
Production
TSSOP (PW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM5100A
PCM5100APWRG4.A
Active
Production
TSSOP (PW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM5100A
PCM5100AQPWRQ1
Active
Production
TSSOP (PW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
P5100AQ1
PCM5100AQPWRQ1.A
Active
Production
TSSOP (PW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
P5100AQ1
PCM5101APW
Active
Production
TSSOP (PW) | 20
70 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM5101A
PCM5101APW.A
Active
Production
TSSOP (PW) | 20
70 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM5101A
PCM5101APWR
Active
Production
TSSOP (PW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM5101A
PCM5101APWR.A
Active
Production
TSSOP (PW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM5101A
PCM5101AQPWRQ1
Active
Production
TSSOP (PW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
P5101AQ1
PCM5101AQPWRQ1.A
Active
Production
TSSOP (PW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
P5101AQ1
PCM5102APW
Active
Production
TSSOP (PW) | 20
70 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM5102A
PCM5102APW.A
Active
Production
TSSOP (PW) | 20
70 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM5102A
PCM5102APWG4
Active
Production
TSSOP (PW) | 20
70 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM5102A
PCM5102APWG4.A
Active
Production
TSSOP (PW) | 20
70 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM5102A
PCM5102APWR
Active
Production
TSSOP (PW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM5102A
PCM5102APWR.A
Active
Production
TSSOP (PW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM5102A
PCM5102AQPWRQ1
Active
Production
TSSOP (PW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
P5102AQ1
PCM5102AQPWRQ1.A
Active
Production
TSSOP (PW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
P5102AQ1
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com