Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMELH5030S-R90MT Datasheet(PDF) 2 Page - Abracon Corporation

Part # AMELH5030S-R90MT
Description  Flat Wire / Hot Pressed Molded Power Inductor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AMELH5030S-R90MT Datasheet(HTML) 2 Page - Abracon Corporation

  AMELH5030S-R90MT Datasheet HTML 1Page - Abracon Corporation AMELH5030S-R90MT Datasheet HTML 2Page - Abracon Corporation AMELH5030S-R90MT Datasheet HTML 3Page - Abracon Corporation AMELH5030S-R90MT Datasheet HTML 4Page - Abracon Corporation AMELH5030S-R90MT Datasheet HTML 5Page - Abracon Corporation AMELH5030S-R90MT Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Flat Wire / Hot Pressed Molded Power Inductor
AMELH5030S
5.5 x 5.3 x 2.9 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
REVISION Initial Release :
6/16/2025
12117 Bee Caves Rd, Bldg-3, Suite 200
Bee Cave, TX 78738
Phone: 512-371-6159 Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
Test Conditions
Test frequency: 1.0V/100KHz
Test Temp: 25˚C Ambient
Isat: DC current at which the inductance drops 30% from its value without current.
Irms: DC current that causes the temperature rise (ΔT, approximate 40 ˚C) from 25°C ambient.
Operating Voltage: 40V
Operating Temperature: -40˚C ~ +125˚C. (including self-temperature rise)
Rated DC Current: The lower value of Irms and Isat
Part Temperature (Ambient + Temp. Rise): Should not exceed 125°C under worst case operating conditions
Storage Condition: -40˚C ~ +125˚C (on board), -10˚C ~ +40˚C (with packaging) and R.H. 85 max
AMELH5030S Series is RoHS Compliant and Pb free.
AMELH5030S -
Inductance Code
See Electrical Specification table
Packaging
T: Tape and Reel (See Packaging)
Tolerance
M = ± 20%
Part Identification
T
R18
M



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com