Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMELH6030S-R68MT Datasheet(PDF) 1 Page - Abracon Corporation

Part # AMELH6030S-R68MT
Description  Flat Wire / Hot Pressed Molded Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AMELH6030S-R68MT Datasheet(HTML) 1 Page - Abracon Corporation

  AMELH6030S-R68MT Datasheet HTML 1Page - Abracon Corporation AMELH6030S-R68MT Datasheet HTML 2Page - Abracon Corporation AMELH6030S-R68MT Datasheet HTML 3Page - Abracon Corporation AMELH6030S-R68MT Datasheet HTML 4Page - Abracon Corporation AMELH6030S-R68MT Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Flat Wire / Hot Pressed Molded Power Inductor
AMELH6030S
6.8 x 6.6 x 2.9 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
REVISION Initial Release :
6/18/2025
12117 Bee Caves Rd, Bldg-3, Suite 200
Bee Cave, TX 78738
Phone: 512-371-6159 Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
Test Conditions:
Isat: DC current at which the inductance drops 30% from its nominal value.
Irms: DC current that causes the temperature rise (ΔT, approximate 40 ˚C) from 25°C ambient.
Operating Voltage: 40V
Operating Temperature: -40˚C ~ +125˚C. (including self-temperature rise)
Storage Condition: -40˚C ~ +125˚C (on board), -10˚C ~ +40˚C (with packaging) and R.H. 85% max.
AMELH6030S Series is RoHS Compliant and Pb free.
Part Number
Inductance
Tolerance
DC
Resistance
Saturation
Current
Temperature
Rise Current
Self-Resonant
Frequency
0.1MHz/
1.0V
Typ Max Typ Max
Typ
Max
Min
Units
μH
%
mΩ
A
A
MHz
SRF
L
M
DCR
Isat
Irms
SRF
AMELH6030S-R18MT
0.18
20
1.0
1.2
50.0
45.0
35.0
30.0
153
AMELH6030S-R22MT
0.22
20
1.1
1.4
43.0
39.0
32.0
27.0
125
AMELH6030S-R33MT
0.33
20
1.5
1.9
40.0
35.0
32.0
27.0
86
AMELH6030S-R36MT
0.36
20
1.6
2.0
39.0
34.0
30.0
25.0
86
AMELH6030S-R38MT
0.38
20
1.7
2.1
36.0
32.0
29.0
25.0
85
AMELH6030S-R40MT
0.40
20
1.8
2.2
35.0
32.0
28.0
24.0
85
AMELH6030S-R42MT
0.42
20
2.1
2.5
33.0
30.0
28.0
24.0
70
AMELH6030S-R47MT
0.47
20
2.2
2.6
32.0
29.0
27.0
24.0
70
AMELH6030S-R56MT
0.56
20
2.4
2.9
30.0
27.0
25.0
22.0
65
AMELH6030S-R68MT
0.68
20
2.8
3.4
27.0
24.0
23.0
20.0
52
AMELH6030S-R82MT
0.82
20
3.6
4.0
25.0
22.0
21.0
19.0
50
AMELH6030S-1R0MT
1.0
20
4.2
4.9
22.0
19.0
19.0
17.0
44
AMELH6030S-1R2MT
1.2
20
4.6
5.4
19.0
17.0
18.0
16.0
40
AMELH6030S-1R5MT
1.5
20
5.6
6.7
17.0
15.0
17.0
15.0
33
AMELH6030S-1R8MT
1.8
20
6.8
8.2
15.0
13.0
15.0
13.0
30
AMELH6030S-2R2MT
2.2
20
8.5
10.2
13.0
12.0
13.0
12.0
25
AMELH6030S-3R3MT
3.3
20
12.0
14.4
11.0
10.0
11.0
10.0
20
AMELH6030S-4R7MT
4.7
20
17.5
21.0
10.0
9.0
10.0
9.0
18
AMELH6030S-5R6MT
5.6
20
20.5
24.1
9.0
8.3
9.0
8.3
15
AMELH6030S-6R8MT
6.8
20
26.1
29.5
8.0
7.5
8.5
7.7
14
AMELH6030S-8R2MT
8.2
20
32.0
36.8
7.0
6.5
7.5
7.0
13
AMELH6030S-100MT
10.0
20
38.0
44.0
6.5
6.0
7.0
6.5
12
•
Excellent current capacity – up to 50A
•
Exceptionally low DCR – down to only 1.0mΩ
•
Soft saturation
•
Compact size for high-density designs
•
Shielded constructions for low EMI
•
Body electronics
•
Lighting
•
Motor control
•
Solar inverters and solar power
•
DC/DC converters in distributed power systems
•
Battery powered device
Electrical Specifications
Applications
Features


Similar Part No. - AMELH6030S-R68MT

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AMELH6020S ABRACON-AMELH6020S Datasheet
679Kb / 5P
Flat Wire / Hot Pressed Molded Power Inductor
6/18/2025
AMELH6020S-1R0MT ABRACON-AMELH6020S-1R0MT Datasheet
679Kb / 5P
Flat Wire / Hot Pressed Molded Power Inductor
6/18/2025
AMELH6020S-1R2MT ABRACON-AMELH6020S-1R2MT Datasheet
679Kb / 5P
Flat Wire / Hot Pressed Molded Power Inductor
6/18/2025
AMELH6020S-1R5MT ABRACON-AMELH6020S-1R5MT Datasheet
679Kb / 5P
Flat Wire / Hot Pressed Molded Power Inductor
6/18/2025
AMELH6020S-1R8MT ABRACON-AMELH6020S-1R8MT Datasheet
679Kb / 5P
Flat Wire / Hot Pressed Molded Power Inductor
6/18/2025
More results

Similar Description - AMELH6030S-R68MT

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
A9860-B COILCRAFT-A9860-B Datasheet
76Kb / 2P
Flat Wire Power Inductor
logo
Allied Components Inter...
FWPQ2616 ALLIED-FWPQ2616 Datasheet
3Mb / 1P
Flat Wire SMD Power Inductor
logo
Coilcraft lnc.
A9860 COILCRAFT-A9860_15 Datasheet
394Kb / 2P
Flat Wire Power Inductor
logo
XFMRS Inc.
XFPQ2013-4R7M XFMRS-XFPQ2013-4R7M Datasheet
38Kb / 1P
Flat Wire Power Inductor
logo
Allied Components Inter...
FWECY1390 ALLIED-FWECY1390 Datasheet
688Kb / 1P
Shielded Flat Wire Power Inductor
FWPQ2617S-330K ALLIED-FWPQ2617S-330K Datasheet
3Mb / 1P
Flat Wire SMD Power Inductor
logo
MPS Industries, Inc.
H1100 MPSIND-H1100 Datasheet
316Kb / 1P
FLAT WIRE HIGH CURRENT INDUCTOR
logo
Coilcraft lnc.
A9860-B COILCRAFT-A9860-B_15 Datasheet
394Kb / 2P
Flat Wire Power Inductor
logo
FENGJUI TECHNOLOGY CO.,...
HFMP1005 FENGJUI-HFMP1005 Datasheet
143Kb / 2P
Flat wire Inductor-RoHS
HFMP1365 FENGJUI-HFMP1365 Datasheet
148Kb / 3P
Flat wire Inductor-RoHS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com