Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASEMPA Datasheet(PDF) 11 Page - Abracon Corporation

Part # ASEMPA
Description  Plastic SMD MEMS Clock Oscillator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASEMPA Datasheet(HTML) 11 Page - Abracon Corporation

Back Button ASEMPA Datasheet HTML 6Page - Abracon Corporation ASEMPA Datasheet HTML 7Page - Abracon Corporation ASEMPA Datasheet HTML 8Page - Abracon Corporation ASEMPA Datasheet HTML 9Page - Abracon Corporation ASEMPA Datasheet HTML 10Page - Abracon Corporation ASEMPA Datasheet HTML 11Page - Abracon Corporation ASEMPA Datasheet HTML 12Page - Abracon Corporation ASEMPA Datasheet HTML 13Page - Abracon Corporation ASEMPA Datasheet HTML 14Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ASEMPA series
Plastic SMD MEMS Clock Oscillator
Revision: IR
Initial Release 9/2/2025
Page 11
Disclaimer
lign
Check Inventory
S
lign
Request Samples
Dimensions: Inches[mm]
Pin #
Function
1
Tri-State or Power Down
2
NC
3
GND
4
Output
5
NC (CMOS)
Output (LVPECL, LVDS, HCSL)
6
Vdd
Mechanical Dimensions
Note: Recommended using an approximately
0.01µF bypass capacitor between PIN 6 and 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com