Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

35-01-R3C-ARTC Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # 35-01-R3C-ARTC
Description  5mm POWER LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

35-01-R3C-ARTC Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  35-01-R3C-ARTC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 35-01-R3C-ARTC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 35-01-R3C-ARTC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 35-01-R3C-ARTC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 35-01-R3C-ARTC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 35-01-R3C-ARTC Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Technical Data Sheet
5mm POWER LED
35-01/R3C-ARTC
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev.1
Page: 5 of 6
Device number: DLE-305-010
Established date: 03-27-2007
Established by: Jim Lin
Packing Quantity Specification
(1) 60 pcs/1 tube, 20 tubes/1 small inside box, 12 small inside boxes/1 outside box.
(2) 60 pcs/1 tube, 80 tubes/1 big inside box, 4 big inside boxes/1 outside box.
Label Form Specification
(1)Tube Label Form
(2)Box Label Form
PART NO: Everlgiht’s Production Number
QTY: Packing Quantity
LOT NO: Lot Number
CAT: Ranks of Forward Voltage, Dominant Wavelength and Total Flux
CPN: Customer’s Production Number
P/N : Production Number
HUE: Reference
REF: Reference
MADE IN TAIWAN: Production Place
CPN:
P/N:
EVERLIGHT
35-01/R3C-ARTC
QTY:
MADE IN TAIWAN
CAT:
HUE:
REF:
LOT NO:
RoHS
PART NO: 35-01/R3C-ARTC
QTY: 60
LOT NO:
CAT:



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com