Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP32P0080 Datasheet(PDF) 2 Page - APEM

Part # TP32P0080
Description  SUBMINIATURE WASHABLE MOMENTARY PUSHBUTTON SWITCHES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

TP32P0080 Datasheet(HTML) 2 Page - APEM

  TP32P0080 Datasheet HTML 1Page - APEM TP32P0080 Datasheet HTML 2Page - APEM TP32P0080 Datasheet HTML 3Page - APEM TP32P0080 Datasheet HTML 4Page - APEM TP32P0080 Datasheet HTML 5Page - APEM TP32P0080 Datasheet HTML 6Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TP SERIES
SUBMINIATURE WASHABLE MOMENTARY PUSHBUTTON SWITCHES
Specifications
A-26
A
APEM
MATERIALS
• Case : PBT
• Actuator : polyamide, glass
filled
• Contacts and terminals :
0
: brass, gold plated
1
: brass, silver plated
3
: brass, gold plated (1,27
micron gold)
8
: contact brass, gold plated
+ tin plated terminals
9
: contact brass, gold plated
(1,27 micron gold) + tin plated
terminals
• Terminal seal : epoxy
GENERAL SPECIFICATIONS
• Total travel :
- function 2 : 1 mm (.039)
- function 3 : 0,8 mm (.031)
• Strength of terminals : pull-out force - 10N max.
• Operating temperature : -30°C to +85°C
• Moisture : 21 days 95 % (NFC 20-603 - IEC 68-2-3)
• Cleaning : solvents or water + detergent
• Wave soldering : 260°C - 5 sec.
ELECTRICAL SPECIFICATIONS
• Max. current/voltage rating with resistive load :
- gold plated contacts : 0,4VA 20V max. AC or DC
- silver plated contacts : 0,5A 48V max. AC or DC
• Minimum load : 10mA 50mV - 10µA 5VDC
• Contact resistance : 50 m
Ω max.
• Insulation resistance : 1.000 M
Ω min. at 500VDC
• Dielectric strength :
1.000 Vrms 50 Hz min. between terminals and frame
500 Vrms 50 Hz min. between terminals
• Electrical life at full load :
- gold plated contacts : 60.000 cycles
- silver plated contacts : 20.000 cycles
SOLDERING
Compatible wave soldering processes : see specifications S and SF, section B.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com