Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1523M Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ICS1523M
Description  Video Clock Synthesizer with I2C Programmable Delay
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1523M Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICS1523M Datasheet HTML 9Page - Integrated Device Technology ICS1523M Datasheet HTML 10Page - Integrated Device Technology ICS1523M Datasheet HTML 11Page - Integrated Device Technology ICS1523M Datasheet HTML 12Page - Integrated Device Technology ICS1523M Datasheet HTML 13Page - Integrated Device Technology ICS1523M Datasheet HTML 14Page - Integrated Device Technology ICS1523M Datasheet HTML 15Page - Integrated Device Technology ICS1523M Datasheet HTML 16Page - Integrated Device Technology ICS1523M Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Video Clock Synthesizer with I2C Programmable Delay
MDS ICS1523 Z
13
Revision 052407
Integrated Device Technology, Inc.
Tech Support: www.idt.com/go/clockhelp
ICS1523
11.2 Programming Flow for Modifying PLL and DPA Settings
BEGIN
Determine Horizontal Total
HTOTAL
Program Input Control Register Reg0x0
Typically = 41h
(Coast disabled, Positive edge of HSYNC, Internal Feedback,
FUNC = regenerated HSYNC, PLL lock status to LOCK (STATUS) pin
Program DPA Reg0x5
DPA Resolution 0x5 = (Value From Note 8 Table)
DPA Offset, 0x4:5~0 = 0
Full S/W Reset
Reg0xA = 5Ah
Correct Phase
Relationship?
Decrement Charge
Pump Current
Reg0x1:2~0
END
Program Feedback Divider Reg0x2, Reg0x3
Internal Feedback Divider (0x3 & 0x2) = HTOTAL - 8
Program Loop Control Register Reg0x1
VCO Divider 0x1:5~4 = (Maximum value where
Required Output Frequency * VCOD < 500 MHz)
Typical Charge Pump Current 0x1:2~0= 011b
Program Output Control Reg0x6
Enable the desired outputs
Program OSC Divider Reg0x7
Select Desired Input Reg0x7:7
Select OSC divider value (if needed)
Increment DPA
Offset
Reg0x4
Program Internal Filter Reg0x4
Select Internal Filter 0x4:7 = 1
Yes
Yes
No
PLL LOCKED?
LOCK Pin or
Read 0x12:1
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com