Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841S02BGILF Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS841S02BGILF
Description  PCI EXPRESS??CLOCK GENERATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS841S02BGILF Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS841S02BGILF Datasheet HTML 7Page - Integrated Device Technology ICS841S02BGILF Datasheet HTML 8Page - Integrated Device Technology ICS841S02BGILF Datasheet HTML 9Page - Integrated Device Technology ICS841S02BGILF Datasheet HTML 10Page - Integrated Device Technology ICS841S02BGILF Datasheet HTML 11Page - Integrated Device Technology ICS841S02BGILF Datasheet HTML 12Page - Integrated Device Technology ICS841S02BGILF Datasheet HTML 13Page - Integrated Device Technology ICS841S02BGILF Datasheet HTML 14Page - Integrated Device Technology ICS841S02BGILF Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
IDT™ / ICS™ PCI EXPRESS CLOCK GENERATOR
11
ICS841S02BGI REV. C NOVEMBER 1, 2007
ICS841S02I
PCI EXPRESS™ CLOCK GENERATOR
PRELIMINARY
APPLICATION INFORMATION
POWER SUPPLY FILTERING TECHNIQUES
As in any high speed analog circuitry, the power supply pins are
vulnerable to random noise. To achieve optimum jitter
performance, power supply isolation is required. The ICS841S02I
provides separate power supplies to isolate any high switching
noise from the outputs to the internal PLL. V
DD_SRC, VDDA and VDD_REF
should be individually connected to the power supply
plane through vias, and 0.01µF bypass capacitors should be used
for each pin. Figure 1 illustrates this for a generic V
DD_SRC pin and
also shows that V
DDA requires that an additional10Ω resistor
along with a 10µF bypass capacitor be connected to the V
DDA pin.
FIGURE 1. POWER SUPPLY FILTERING
10
Ω
V
DDA
10
μF
.01
μF
3.3V
.01
μF
V
DD
USING THE ON-BOARD CRYSTAL OSCILLATOR
The ICS841S02I features a fully integrated Pierce oscillator to
minimize system implementation costs. The recommended
operation of the ICS841S02I is with a 25MHz, 18pF parallel
resonant crystal. See Table 7 for complete crystal specifications.
For proper operation, a minimum of 10pF capacitance on each
crystal pin is required. The capacitor values shown in Figure 2
TABLE 7. RECOMMENDED CRYSTAL SPECIFICATIONS
r
e
t
e
m
a
r
a
Pe
u
l
a
V
t
u
C
l
a
t
s
y
r
Ct
u
C
T
A
l
a
t
n
e
m
a
d
n
u
F
e
c
n
a
n
o
s
e
Re
c
n
a
n
o
s
e
R
l
e
ll
a
r
a
P
C
(
e
c
n
a
t
i
c
a
p
a
C
t
n
u
h
S
L)F
p
7
-
5
C
(
e
c
n
a
t
i
c
a
p
a
C
d
a
o
L
O)F
p
8
1
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
t
n
e
l
a
v
i
u
q
E0
5
-
0
2
Ω
FIGURE 2. CRYSTAL OSCILLATOR WITH TRIM CAPACITOR
XT AL_IN
XTAL_OUT
25MHz
TBD
TBD
33pF
18pF
are typical values for the recommended crystal as show in
Table 7. The specific values may be adjusted to trim the frequency
for the individual board layouts if desired.
The crystal and optional trim capacitors should be located as
close to the ICS841S02I XTAL_IN and XTAL_OUT pins as
possible to minimize board level parasitics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com