Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841S02BGILFT Datasheet(PDF) 12 Page - Integrated Device Technology

Part # ICS841S02BGILFT
Description  PCI EXPRESS??CLOCK GENERATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS841S02BGILFT Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button ICS841S02BGILFT Datasheet HTML 8Page - Integrated Device Technology ICS841S02BGILFT Datasheet HTML 9Page - Integrated Device Technology ICS841S02BGILFT Datasheet HTML 10Page - Integrated Device Technology ICS841S02BGILFT Datasheet HTML 11Page - Integrated Device Technology ICS841S02BGILFT Datasheet HTML 12Page - Integrated Device Technology ICS841S02BGILFT Datasheet HTML 13Page - Integrated Device Technology ICS841S02BGILFT Datasheet HTML 14Page - Integrated Device Technology ICS841S02BGILFT Datasheet HTML 15Page - Integrated Device Technology ICS841S02BGILFT Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
IDT™ / ICS™ PCI EXPRESS CLOCK GENERATOR
12
ICS841S02BGI REV. C NOVEMBER 1, 2007
ICS841S02I
PCI EXPRESS™ CLOCK GENERATOR
PRELIMINARY
INPUTS:
LVCMOS CONTROL PINS
All control pins have internal pull-ups or pull-downs; additional
resistance is not required but can be added for additional
protection. A 1k
Ω resistor can be used.
RECOMMENDATIONS FOR UNUSED INPUT AND OUTPUT PINS
OUTPUTS:
HCSL OUTPUTs
All unused HCSL outputs can be left floating. We recommend
that there is no trace attached. Both sides of the differential output
pair should either be left floating or terminated.
OUTPUT DRIVER CURRENT
The ICS841S02I outputs are HCSL current drive with the cur-
rent being set with a resistor from I
REF to ground. For a 50Ω pc
board trace, the drive current would typically be set with a R
REF
of 475
Ω which products an I
REF of 2.32mA. The IREF is multiplied
by a current mirror to an output drive of 6*2.32mA or 13.92mA.
See Figure 3 for current mirror and output drive details.
FIGURE 3. HCSL CURRENT MIRROR AND OUTPUT DRIVE
IREF
RREF
RL
RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com