Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS661GILFT Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS661GILFT
Description  PRECISION AUDIO CLOCK SOURCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS661GILFT Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS661GILFT Datasheet HTML 1Page - Integrated Device Technology ICS661GILFT Datasheet HTML 2Page - Integrated Device Technology ICS661GILFT Datasheet HTML 3Page - Integrated Device Technology ICS661GILFT Datasheet HTML 4Page - Integrated Device Technology ICS661GILFT Datasheet HTML 5Page - Integrated Device Technology ICS661GILFT Datasheet HTML 6Page - Integrated Device Technology ICS661GILFT Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATASHEET
PRECISION AUDIO CLOCK SOURCE
ICS661
IDT™ / ICS™ PRECISION AUDIO CLOCK SOURCE
1
ICS661
REV D 111804
Description
The ICS661 provides synchronous clock generation for
audio sampling clock rates derived from an MPEG stream,
or can be used as a standalone clock source with a 27 MHz
crystal. The device uses the latest PLL technology to
provide excellent phase noise and long term jitter
performance for superior synchronization and S/N ratio.
Please contact IDT if you have a requirement for an input
and output frequency not included here - we can rapidly
modify this product to meet special requirements.
Features
• Packaged in 16-pin TSSOP
• Available in Pb (lead) fere package
• Clock or crystal input
• Low phase noise
• Low jitter
• Exact (0 ppm) multiplication ratios
• Reference clock output available
• Support for 256, 384, 512, and 768 times sampling rate
Block Diagram
PLL Clock
Synthesis
SELIN
Crystal
Oscillator
X2
X1/REFIN
VDD (P2)
VDDR
REF
CLK
GND (P13)
GND (P6)
GND (P5)
S3:0
4
VDD (P3)
VDDO


Similar Part No. - ICS661GILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS661GILFTR ICST-ICS661GILFTR Datasheet
123Kb / 6P
Precision Audio Clock Source
Revision 111804
More results

Similar Description - ICS661GILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS661 ICST-ICS661 Datasheet
123Kb / 6P
Precision Audio Clock Source
Revision 111804
logo
List of Unclassifed Man...
ICS66203 ETC-ICS66203 Datasheet
105Kb / 6P
HDTV Audio/Video Clock Source
logo
Integrated Circuit Syst...
MK3732-08 ICST-MK3732-08 Datasheet
60Kb / 4P
ADSL Clock Source
Revision 091201
MK2705 ICST-MK2705 Datasheet
121Kb / 6P
Audio Clock Source
Revision 102103
logo
Integrated Device Techn...
ICS662-03 IDT-ICS662-03 Datasheet
171Kb / 7P
HDTV AUDIO/VIDEO CLOCK SOURCE
logo
List of Unclassifed Man...
ICS661 ETC2-ICS661 Datasheet
191Kb / 7P
PRECISION AUDIO CLOCK SOURCE
logo
Diodes Incorporated
PI6C6612 DIODES-PI6C6612 Datasheet
367Kb / 5P
3.3V Precision Audio Clock Synthesizer
11/12/08
logo
Renesas Technology Corp
MK1413 RENESAS-MK1413 Datasheet
339Kb / 8P
MPEG AUDIO CLOCK SOURCE
051310
MK2705 RENESAS-MK2705 Datasheet
331Kb / 8P
AUDIO CLOCK SOURCE
051310
ICS662-03 RENESAS-ICS662-03 Datasheet
340Kb / 8P
HDTV AUDIO/VIDEO CLOCK SOURCE
051310
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com