Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRN2510BTA-R68M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRN2510BTA-R68M
Description  SRN2510BTA Series – Semi-shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRN2510BTA-R68M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRN2510BTA-R68M Datasheet HTML 1Page - Bourns Electronic Solutions SRN2510BTA-R68M Datasheet HTML 2Page - Bourns Electronic Solutions SRN2510BTA-R68M Datasheet HTML 3Page - Bourns Electronic Solutions SRN2510BTA-R68M Datasheet HTML 4Page - Bourns Electronic Solutions SRN2510BTA-R68M Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SRN2510BTA Series – Semi-shielded Power Inductors
AUTOMOTIVE
GRADE
Features
n
Semi-shielded construction
n
1 mm max. profile
n
Enhanced product reliability with soldered lead-wire
n
AEC-Q200 compliant
n
RoHS compliant* and halogen free**
Electrical Specifications @ 25 °C
Bourns Part No.
Inductance @
100 kHz / 1 V
Q
@ 1 MHz
Min.
SRF
(MHz)
Typ.
DCR
(mW)
Typ.
DCR
(mW)
Max.
Irms
(A)
Typ.
Isat
(A)
Typ.
L (mH) Tol. %
SRN2510BTA-R47M
0.47
±20
15
180
29
35
3.0
3.3
SRN2510BTA-R68M
0.68
±20
15
145
39
47
2.8
2.8
SRN2510BTA-1R0M
1.0
±20
15
110
60
72
2.6
2.5
SRN2510BTA-1R5M
1.5
±20
10
85
80
96
2.4
2.1
SRN2510BTA-2R2M
2.2
±20
10
72
110
132
2.0
1.5
SRN2510BTA-3R3M
3.3
±20
10
53
170
204
1.7
1.3
SRN2510BTA-4R7M
4.7
±20
10
45
250
300
1.4
1.2
SRN2510BTA-6R8M
6.8
±20
10
36
370
444
1.2
0.95
SRN2510BTA-100M
10.0
±20
10
30
460
552
1.0
0.75
SRN2510BTA-150M
15.0
±20
10
20
770
924
0.8
0.62
SRN2510BTA-220M
22.0
±20
10
15
1100
1332
0.62
0.52
Additional Information
Click these links for more information:
PRODUCT
SELECTOR
TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
General Specifications
Operating Temperature
.................................. -55 °C to +125 °C
(Temperature rise included)
Storage Temperature
(Component on board)
.................................. -55 °C to +125 °C
(In tape and reel package)
.............. -10 °C to +40 °C, 50-60 % RH
Temperature Rise ......40 °C at rated Irms1
Rated Current
..............Inductance drops 30 % at Isat
Moisture Sensitivity Level......................1
ESD Classification (HBM)..................N/A
Note 1: Circuit design, component, PCB trace
size and thickness, airflow and other cooling
provisions all affect the part temperature. Part
temperature should be verified in the end
application.
Product Dimensions
2.5 ± 0.2†
(.098 ± .008)
2.0 ± 0.2†
(.079 ± .008)
2.0 ± 0.2
(.079 ± .008)
0.9 ± 0.1†
(.035 ± .004)
0.9 ± 0.3
(.035 ± .012)
TOP VIEW
SIDE VIEW
BOTTOM VIEW
†
Dimension does not include termination. For
maximum overall dimensions with termination,
add 0.1 mm (.004 in.).
DIMENSIONS:
MM
(INCHES)
Electrical Schematic
How to Order
SRN2510BTA - R47M
Model
Value Code (see table)
Materials
Core.............................................. Ferrite
Wire .............................Enameled copper
Terminal Finish ..........................Ag/Ni/Sn
Coating ............................ Magnetic resin
Packaging........ 3000 pcs. per 7-inch reel
Recommended Layout
3.0
(.118)
2.5
(.098)
0.7
(.028)
DIMENSIONS:
MM
(INCHES)
* RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine (Cl) content is 900 ppm or less; and (c) the total Bromine (Br)
and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice. Users should verify actual device performance in their specific applications. The products described herein and this document are
subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
WARNING Cancer and Reproductive Harm
www.P65Warnings.ca.gov


Similar Part No. - SRN2510BTA-R68M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRN2510BTA-R68M BOURNS-SRN2510BTA-R68M Datasheet
781Kb / 5P
SRN2510BTA Series - Semi-shielded Power Inductors
REV. 08/23
More results

Similar Description - SRN2510BTA-R68M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRN3015 BOURNS-SRN3015 Datasheet
347Kb / 2P
Semi-shielded Power Inductors
SRN4018 BOURNS-SRN4018 Datasheet
313Kb / 2P
Semi-shielded Power Inductors
SRN1060-100M BOURNS-SRN1060-100M Datasheet
329Kb / 2P
Semi-shielded Power Inductors
SRN8040 BOURNS-SRN8040_13 Datasheet
334Kb / 2P
Semi-shielded Power Inductors
SRN2010TA BOURNS-SRN2010TA Datasheet
246Kb / 3P
Semi-shielded Power Inductors
SRN3012TA BOURNS-SRN3012TA Datasheet
241Kb / 3P
Semi-shielded Power Inductors
SRN2009T BOURNS-SRN2009T Datasheet
416Kb / 4P
Semi-shielded Power Inductors
SRN3010TA BOURNS-SRN3010TA Datasheet
429Kb / 4P
Semi-shielded Power Inductors
SRN5020TA BOURNS-SRN5020TA Datasheet
587Kb / 5P
Semi-shielded Power Inductors
SRN6028C BOURNS-SRN6028C Datasheet
144Kb / 5P
Semi-shielded Power Inductors
Mar 31, 2015
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com