Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-8533 Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S-8533
Description  STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8533 Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S-8533 Datasheet HTML 17Page - Seiko Instruments Inc S-8533 Datasheet HTML 18Page - Seiko Instruments Inc S-8533 Datasheet HTML 19Page - Seiko Instruments Inc S-8533 Datasheet HTML 20Page - Seiko Instruments Inc S-8533 Datasheet HTML 21Page - Seiko Instruments Inc S-8533 Datasheet HTML 22Page - Seiko Instruments Inc S-8533 Datasheet HTML 23Page - Seiko Instruments Inc S-8533 Datasheet HTML 24Page - Seiko Instruments Inc S-8533 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.2.3_00
S-8533 Series
Seiko Instruments Inc.
21
Reference Data
Reference data are intended for use in selecting peripheral parts to the IC. The information therefore provides
characteristic data in which external parts are selected with a view of wide variety of IC applications. All data show typical
values.
1. External Parts for Reference Data
Table 4 External Parts List for Output Current vs. Efficiency Characteristics
No.
Product Name
Output
Voltage
Inductor
Transistor
P-channel
Transistor
N-channel
Output
Capacitor
Input
Capacitor
Application Condition
(1)
S-8533A15AFT
1.5 V
CDRH104R/22
μH
CPH6303
CPH6403
47
μF × 2 47 μF, 0.1 μF I
OUT ≤ 2 A, VIN ≤ 8 V
(2)
Si3441DV
Si3442DV
IOUT ≤ 1.4 A, VIN ≤ 6 V
(3)
S-8533A33AFT
3.3 V
CPH6303
CPH6403
IOUT ≤ 2 A, VIN ≤ 8 V
(4)
Si3441DV
Si3442DV
IOUT ≤ 1.4 A, VIN ≤ 6 V
(5)
CPH6302
CPH6402
IOUT ≤ 2 A, VIN ≤ 16 V
(6)
Si3455DV
Si3454DV
IOUT ≤ 1.6 A, VIN ≤ 16 V
(7)
S-8533A50AFT
5.0 V
CPH6302
CPH6402
IOUT ≤ 2 A, VIN ≤ 16 V
(8)
Si3455DV
Si3454DV
IOUT ≤ 1.6 A, VIN ≤ 16 V
(9)
S-8533A15AFT
1.5 V
CDRH104R/47
μH
CPH6303
CPH6403
IOUT ≤ 2 A, VIN ≤ 8 V
(10)
Si3441DV
Si3442DV
IOUT ≤ 1.4 A, VIN ≤ 6 V
(11)
S-8533A33AFT
3.3 V
CPH6303
CPH6403
IOUT ≤ 2 A, VIN ≤ 8 V
(12)
Si3441DV
Si3442DV
IOUT ≤ 1.4 A, VIN ≤ 6 V
(13)
CPH6302
CPH6402
IOUT ≤ 2 A, VIN ≤ 16 V
(14)
Si3455DV
Si3454DV
IOUT ≤ 1.6 A, VIN ≤ 16 V
(15)
S-8533A50AFT
5.0 V
CPH6302
CPH6402
IOUT ≤ 2 A, VIN ≤ 16 V
(16)
Si3455DV
Si3454DV
IOUT ≤ 1.6 A, VIN ≤ 16 V
(17)
S-8533A15AFT
1.5 V
CDRH104R/10
μH
CPH6303
CPH6403
IOUT ≤ 2 A, VIN ≤ 8 V
(18)
Si3441DV
Si3442DV
IOUT ≤ 1.4 A, VIN ≤ 6 V
(19)
S-8533A33AFT
3.3 V
CPH6303
CPH6403
IOUT ≤ 2 A, VIN ≤ 8 V
(20)
Si3441DV
Si3442DV
IOUT ≤ 1.4 A, VIN ≤ 6 V
(21)
CPH6302
CPH6402
IOUT ≤ 2 A, VIN ≤ 16 V
(22)
Si3455DV
Si3454DV
IOUT ≤ 1.6 A, VIN ≤ 16 V
(23)
S-8533A50AFT
5.0 V
CPH6302
CPH6402
IOUT ≤ 2 A, VIN ≤ 16 V
(24)
Si3455DV
Si3454DV
IOUT ≤ 1.6 A, VIN ≤ 16 V
(25)
S-8533A33AFT
3.3 V
CDRH125/10
μH
CPH6303
CPH6403
IOUT ≤ 3 A, VIN ≤ 8 V
(26)
CPH6302
CPH6402
IOUT ≤ 3 A, VIN ≤ 16 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com