Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS66WVR4M8BLL-R104TLI Datasheet(PDF) 26 Page - Integrated Silicon Solution, Inc

Part # IS66WVR4M8BLL-R104TLI
Description  1.8V/3.0V, 104MHz, Continuous Operation, SPI & QPI Protocol
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66WVR4M8BLL-R104TLI Datasheet(HTML) 26 Page - Integrated Silicon Solution, Inc

Back Button IS66WVR4M8BLL-R104TLI Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104TLI Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104TLI Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104TLI Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104TLI Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104TLI Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104TLI Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104TLI Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104TLI Datasheet HTML 30Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
IS66/67WVR4M8ALL/BLL
Integrated Silicon Solution, Inc.- www.issi.com
26
Rev. A2
07/08/2024
7.3 DC CHARACTERISTICS
Symbol
Parameter
Min.
Typ.
Max.
Units Test Conditions
Vcc
3V
2.7
3.0
3.6
V
1.8V
1.65
1.8
1.95
ICC
Average Operating
Current (85°C)
SPI@33MHz
-
-
8
mA
CE# < Vcc - 0.2V,
Others at 0.2V or Vcc - 0.2V, II/O = 0mA, f=max
QPI@104MHz
-
-
15
Average Operating
Current (105°C)
SPI@33MHz
-
-
8
QPI@104MHz
-
-
15
ISB1
VCC Standby
Current CMOS
(85°C)
3V
-
150
200
uA
CE# = VCC,
VIN = GND or VCC
1.8V
-
200
VCC Standby
Current CMOS
(105°C)
3V
-
250
1.8V
-
250
ISB2
Deep Power
Down Current
(85°C)
3V
-
-
30
uA
CE#, VCC = 3.6V
1.8V
-
-
20
Deep Power
Down Current
(105°C)
3V
-
-
50
CE#, VCC = 1.9V
1.8V
-
-
30
VIL(1)
Input Low Voltage
3V
-0.5
-
0.3VCC
V
1.8V
-0.2
-
0.4
VIH(1)
Input High Voltage
3V
0.7VCC
-
VCC + 0.3
V
1.8V
VCC
– 0.4
-
VCC + 0.2
VOL
Output Low Voltage
-
-
0.2VCC
V
IOL = 200 µA
VOH
Output High Voltage
0.8VCC
-
-
V
IOH = -200 µA
ILI
Input Leakage Current
-
-
-
±1
VIN = 0V to VCC
ILO
Output Leakage Current
-
-
-
±1
VIN = 0V to VCC
Note:
1. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC
= VCC (Typ), TA=25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com