Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM62GXPTR Datasheet(PDF) 32 Page - STMicroelectronics

Part # L99PM62GXPTR
Description  Power management IC with LIN and high speed CAN
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62GXPTR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L99PM62GXPTR Datasheet HTML 28Page - STMicroelectronics L99PM62GXPTR Datasheet HTML 29Page - STMicroelectronics L99PM62GXPTR Datasheet HTML 30Page - STMicroelectronics L99PM62GXPTR Datasheet HTML 31Page - STMicroelectronics L99PM62GXPTR Datasheet HTML 32Page - STMicroelectronics L99PM62GXPTR Datasheet HTML 33Page - STMicroelectronics L99PM62GXPTR Datasheet HTML 34Page - STMicroelectronics L99PM62GXPTR Datasheet HTML 35Page - STMicroelectronics L99PM62GXPTR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 102 page
background image
Detailed description
L99PM62GXP
32/102
Doc ID 17639 Rev 4
Normal pattern wake up
Normal pattern wake up can occur when CAN pattern wake up option is enabled and the
CAN transceiver was set in standby mode while CAN bus was in recessive (high) state or
dominant (low) state. In order to wake up the L99PM62GXP, the following criteria must be
fulfilled:
●
The CAN interface wake-up receiver must receive a series of two consecutive valid
dominant pulses, each of which must be longer than 2 µs
●
The distance between 2 pulses must be longer than 2 µs.
●
The two pulses must occur within a time frame of 1.0 ms
Wake up from short to GND condition
Even if CAN pattern wake up option is enabled, but the CAN transceiver was set in standby
mode after a qualified permanent dominant state, recessive level at CAN, switches the
L99PM62GXP to active mode.
No pattern wake up
If the CAN pattern wake up option is disabled, any transition either dominant (low) state to
recessive (high) state or recessive (high) state to dominant (low) state switches the
L99PM62GXP to active mode (after a filtering time of 2 µs).
Note:
A wake up caused by a message on the bus starts the voltage regulator and the
microcontroller to switch the application back to normal operation mode.
Figure 18.
CAN wake up capabilities
Note:
Pictures above illustrate the wake up behaviour from V1 standby mode. For wake up from
VBAT standby mode an NReset pulse is generated instead of the RXDL (Interrupt) signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com