Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS66WVR4M8ALL-R104WLI Datasheet(PDF) 18 Page - Integrated Silicon Solution, Inc

Part # IS66WVR4M8ALL-R104WLI
Description  1.8V/3.0V, 104MHz, Continuous Operation, SPI & QPI Protocol
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66WVR4M8ALL-R104WLI Datasheet(HTML) 18 Page - Integrated Silicon Solution, Inc

Back Button IS66WVR4M8ALL-R104WLI Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104WLI Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104WLI Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104WLI Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104WLI Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104WLI Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104WLI Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104WLI Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS66WVR4M8ALL-R104WLI Datasheet HTML 22Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
IS66/67WVR4M8ALL/BLL
Integrated Silicon Solution, Inc.- www.issi.com
18
Rev. A2
07/08/2024
5.7 READ ID OPERATION
In SPI mode, this command is similar to Fast Read. But 24-
bit address cycles are “don’t care” and there are
no wait cycles between address and data.
In QPI mode, there is no address cycles, but there are 6 wait cycles between command and data.
The data is wrapped to bit 7 of MF ID data again after bit 0 of EID data until CE# goes to HIGH.
Figure 5.11 SPI Read ID, 9Fh
Figure 5.12 QPI Read ID, 9Fh
CE#
CLK
Cmd
Read ID
SIO[3:0]
0
1
9
F
2
3
4
5
6
7
8
9
10
11
47:0
12
MF ID(9Dh)
13
20
7:4
3:0
7:4
3:0
KGD(5Dh)
Wait Cycles
(6 Clocks)
High-Z
tACLK
21
22
EID
tHZ
KGD [7:0]
Known Good Die
‘b0101_0101
FAIL
‘b0101_1101
PASS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com