Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72GXPTR Datasheet(PDF) 73 Page - STMicroelectronics

Part # L99PM72GXPTR
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXPTR Datasheet(HTML) 73 Page - STMicroelectronics

Back Button L99PM72GXPTR Datasheet HTML 69Page - STMicroelectronics L99PM72GXPTR Datasheet HTML 70Page - STMicroelectronics L99PM72GXPTR Datasheet HTML 71Page - STMicroelectronics L99PM72GXPTR Datasheet HTML 72Page - STMicroelectronics L99PM72GXPTR Datasheet HTML 73Page - STMicroelectronics L99PM72GXPTR Datasheet HTML 74Page - STMicroelectronics L99PM72GXPTR Datasheet HTML 75Page - STMicroelectronics L99PM72GXPTR Datasheet HTML 76Page - STMicroelectronics L99PM72GXPTR Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 129 page
background image
DocID024767 Rev 4
73/129
L99PM72GXP
Electrical specifications
128
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6 V < VS < 18 V; 4.8 V < V1 < 5.2 V; all outputs open; Tj = -40°C to 130°C,
unless otherwise specified
5.5.15
Inputs TxDC and TxDL for Flash Mode
6V
≤ VS ≤ 18 V; 4.5 V ≤ V1 ≤ 5.3 V; Tj = -40°C to 130°C; voltages are referred to PGND, all
outputs open
Figure 34. SPI - transfer timing diagram
The SPI can be driven by a micro controller with its SPI peripheral running in following
mode: CPOL = 0 and CPHA = 0.
For this mode input data is sampled by the low to high transition of the clock CLK, and
output data is changed from the high to low transition of CLK.
Table 42. RXDL/NINT, RXDC/NINT timing
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tInterupt
Interrupt pulse duration
—
56
—
µs
Table 43. Inputs: TxDC and TxDL for Flash Mode
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VflashL
Input low level (VTXDC/L for
exit from Flash Mode)
V1 = 5 V
7.1
8.4
9.0
V
VflashH
Input high level (VTXDC/L for
transition into Flash Mode)
V1 = 5 V
8.3
9.4
10.0
V
VflashHYS
Input voltage hysteresis
V1 = 5 V
0.8
1.0
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com