Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST85WMH6F Datasheet(PDF) 34 Page - STMicroelectronics

Part # M41ST85WMH6F
Description  3.0/3.3 V I²C combination serial RTC, NVRAM supervisor and microprocessor supervisor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85WMH6F Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M41ST85WMH6F Datasheet HTML 30Page - STMicroelectronics M41ST85WMH6F Datasheet HTML 31Page - STMicroelectronics M41ST85WMH6F Datasheet HTML 32Page - STMicroelectronics M41ST85WMH6F Datasheet HTML 33Page - STMicroelectronics M41ST85WMH6F Datasheet HTML 34Page - STMicroelectronics M41ST85WMH6F Datasheet HTML 35Page - STMicroelectronics M41ST85WMH6F Datasheet HTML 36Page - STMicroelectronics M41ST85WMH6F Datasheet HTML 37Page - STMicroelectronics M41ST85WMH6F Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
Package mechanical data
M41ST85W
34/43
DocID7531 Rev 12
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
Figure 21. SOH28 – 28-lead plastic small outline, battery SNAPHAT®, package outline
Note:
Drawing is not to scale.
SOH-A
E
N
D
C
L
A1
α
1
H
A
CP
B
e
A2
eB
Table 14. SOH28 – 28-lead plastic small outline, battery SNAPHAT®, package mechanical data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
3.05
0.120
A1
0.05
0.36
0.002
0.014
A2
2.34
2.69
0.092
0.106
B
0.36
0.51
0.014
0.020
C
0.15
0.32
0.006
0.012
D
17.71
18.49
0.697
0.728
E
8.23
8.89
0.324
0.350
e
1.27
–
–
0.050
–
–
eB
3.20
3.61
0.126
0.142
H
11.51
12.70
0.453
0.500
L
0.41
1.27
0.016
0.050
a
0°
8°
0°
8°
N
28
28
CP
0.10
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com