Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T00AUD Datasheet(PDF) 31 Page - STMicroelectronics

Part # M41T00AUD
Description  Serial real-time clock (RTC) with audio
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00AUD Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M41T00AUD Datasheet HTML 27Page - STMicroelectronics M41T00AUD Datasheet HTML 28Page - STMicroelectronics M41T00AUD Datasheet HTML 29Page - STMicroelectronics M41T00AUD Datasheet HTML 30Page - STMicroelectronics M41T00AUD Datasheet HTML 31Page - STMicroelectronics M41T00AUD Datasheet HTML 32Page - STMicroelectronics M41T00AUD Datasheet HTML 33Page - STMicroelectronics M41T00AUD Datasheet HTML 34Page - STMicroelectronics M41T00AUD Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
M41T00AUD
Audio section operation
Doc ID 13480 Rev 5
31/42
The other parameter pertains to the gain step size, a relative measurement. It is shown in
Table 16 as 3±1 dB. For any gain setting in Table 7, the next higher (or lower) setting is
guaranteed to be between 2 and 4 dB higher (or lower). For example, even though no upper
and lower limits are shown for GAIN = Ch, it is tested to be at 3±1 dB of the case when
GAIN=Bh, one step below. If GAIN=Bh tests to -0.5 dB, then GAIN=Ch is tested to have an
end-to-end gain of 2.5±1 dB. If GAIN=Bh tests to +0.5 dB, then GAIN=Ch is tested to be
3.5±1 dB.
This applies to all steps except the lowest one (from GAIN=0 to GAIN=1) which is not tested.
In summary, for GAIN=1 to GAIN=Fh, all steps are tested to have a 1dB step size tolerance
of the listed 3 dB step size. The unity gain setting, Bh, will have an end-to-end gain of
0±1dB while the three levels for GAIN=4, 5 and Eh are tested to be within ±2 dB of the
typical gain values listed in Table 7.
7.2
Wake-up time: TWU
When the device powers on, the bypass capacitor CBIAS will not be charged immediately. As
CBIAS is directly linked to the bias of the amplifier, the amplifier will not work properly until
the capacitor is charged. The time to reach this voltage is called the wake-up time or TWU
and is specified in the electrical characteristics, Table 16, for CBIAS = 1 µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com