Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87YMX6F Datasheet(PDF) 29 Page - STMicroelectronics

Part # M41ST87YMX6F
Description  5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87YMX6F Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M41ST87YMX6F Datasheet HTML 25Page - STMicroelectronics M41ST87YMX6F Datasheet HTML 26Page - STMicroelectronics M41ST87YMX6F Datasheet HTML 27Page - STMicroelectronics M41ST87YMX6F Datasheet HTML 28Page - STMicroelectronics M41ST87YMX6F Datasheet HTML 29Page - STMicroelectronics M41ST87YMX6F Datasheet HTML 30Page - STMicroelectronics M41ST87YMX6F Datasheet HTML 31Page - STMicroelectronics M41ST87YMX6F Datasheet HTML 32Page - STMicroelectronics M41ST87YMX6F Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
M41ST87W
Clock operation
DocID9497 Rev 11
29/54
3.2
TIMEKEEPER
® registers
The M41ST87Y/W offers 22 internal registers which contain clock, control, alarm,
watchdog, flag, square wave, and tamper data. The 8 clock registers are memory locations
which contain external (user accessible) and internal copies of the data (usually referred to
as BiPORT
™ TIMEKEEPER cells). The external copies are independent of internal
functions except that they are updated periodically by the simultaneous transfer of the
incremented internal copy. The internal divider (or clock) chain will be reset upon the
completion of a WRITE to any clock address (00h to 07h).
The system-to-user transfer of clock data will be halted whenever the address being
accessed is a clock address (00h to 07h). The updates will resume either due to a stop
condition or when the pointer increments to a non-clock or RAM address.
TIMEKEEPER and alarm registers store data in BCD format. Control, watchdog and
square wave registers store data in binary format.
Table 8: TIMEKEEPER
® register map
Addr
Data
Function/range
BCD format
D7
D6
D5
D4
D3
D2
D1
D0
00h
0.1 seconds
0.01 seconds
10s/100s
seconds
00-99
01h
ST
10 seconds
Seconds
Seconds
00-59
02h
OFIE
10 minutes
Minutes
Minutes
00-59
03h
CB1
CB0
10 hours
Hours (24-hour format)
Century/
Hours
0-1/
00-23
04h
TR
THS
CLRP
W1
CLRP
W0
32kE
Day of week
Day
01-7
05h
PFOD
0
10 date
Date: day of month
Date
01-31
06h
0
0
0
10M
Month
Month
01-12
07h
10 Years
Year
Year
00-99
08h
OUT
FT
S
Calibration
Control
09h
WDS
BMB4
BMB3
BMB2
BMB1
BMB0
RB1
RB0
Watchdog
0Ah
AFE
SQWE
ABE
Al 10M
Alarm month
Al month
01-12
0Bh
RPT4
RPT5
AI 10
date
Alarm
date
Al date
01-31
0Ch
RPT3
HT
AI 10
hour
Alarm hour
Al hour
00-23
0Dh
RPT2
Alarm 10 minutes
Alarm minutes
Al min
00-59
0Eh
RPT1
Alarm 10 seconds
Alarm seconds
Al sec
00-59
0Fh
WDF
AF
0
BL
0
OF
TB1
TB2
Flags
10h
0
0
0
0
0
0
0
0
Reserved
11h
0
0
0
0
0
0
0
0
Reserved
12h
0
0
0
0
0
0
0
0
Reserved
13h
RS3
RS2
RS1
RS0
SQWOD
0
0
0
SQW
14h
TEB1
TIE1
TCM1
TPM1
TDS1
TCHI/
TCLO1 CLR1EXT CLR1 Tamper1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com