Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T00SM6F Datasheet(PDF) 18 Page - STMicroelectronics

Part # M41T00SM6F
Description  Serial real-time clock
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00SM6F Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M41T00SM6F Datasheet HTML 14Page - STMicroelectronics M41T00SM6F Datasheet HTML 15Page - STMicroelectronics M41T00SM6F Datasheet HTML 16Page - STMicroelectronics M41T00SM6F Datasheet HTML 17Page - STMicroelectronics M41T00SM6F Datasheet HTML 18Page - STMicroelectronics M41T00SM6F Datasheet HTML 19Page - STMicroelectronics M41T00SM6F Datasheet HTML 20Page - STMicroelectronics M41T00SM6F Datasheet HTML 21Page - STMicroelectronics M41T00SM6F Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
DC and AC parameters
M41T00S
18/28
DocID10772 Rev 7
5
DC and AC parameters
This section summarizes the operating and measurement conditions, as well as the DC and
AC characteristics of the device. The parameters in the following DC and AC Characteristic
tables are derived from tests performed under the Measurement Conditions listed in the
relevant tables. Designers should check that the operating conditions in their projects match
the measurement conditions when using the quoted parameters.
Note:
Output Hi-Z is defined as the point where data is no longer driven.
Figure 12. AC measurement I/O waveform
Table 6. Operating and AC measurement conditions
Parameter
M41T00S
Supply voltage (VCC)
2.7 to 5.5 V
Ambient operating temperature (TA)
–40 to 85 °C
Load capacitance (CL)
100 pF
Input rise and fall times
≤ 50 ns
Input pulse voltages
0.2VCC to 0.8VCC
Input and output timing ref. voltages
0.3VCC to 0.7VCC
Table 7. Capacitance
Symbol
Parameter(1)(2)
1. Effective capacitance measured with power supply at 5V; sampled only, not 100% tested.
2. At 25 °C, f = 1 MHz
Min
Max
Unit
CIN
Input capacitance
-
7
pF
COUT
(3)
3. Outputs deselected.
Output capacitance
-
10
pF
tLP
Low-pass filter input time constant (SDA and SCL)
-
50
ns
AI02568
0.8VCC
0.2VCC
0.7VCC
0.3VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com