Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87WSS6F Datasheet(PDF) 21 Page - STMicroelectronics

Part # M41ST87WSS6F
Description  5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87WSS6F Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M41ST87WSS6F Datasheet HTML 17Page - STMicroelectronics M41ST87WSS6F Datasheet HTML 18Page - STMicroelectronics M41ST87WSS6F Datasheet HTML 19Page - STMicroelectronics M41ST87WSS6F Datasheet HTML 20Page - STMicroelectronics M41ST87WSS6F Datasheet HTML 21Page - STMicroelectronics M41ST87WSS6F Datasheet HTML 22Page - STMicroelectronics M41ST87WSS6F Datasheet HTML 23Page - STMicroelectronics M41ST87WSS6F Datasheet HTML 24Page - STMicroelectronics M41ST87WSS6F Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
M41ST87W
Operating modes
DocID9497 Rev 11
21/54
2.6.6
Tamper detect sampling (TDS1 and TDS2)
This bit selects between a 1 Hz sampling rate or constant monitoring of the tamper input
pin(s) to detect a tamper event when the normally closed switch mode is selected. This
allows the user to reduce the current drain when the TEBX bit is enabled while the device is
in battery backup (see Table 5: "Tamper detection current (normally closed - TCMX = '0')"
and Figure 17: "Tamper detect sampling options"). Sampling is disabled if the TCMX bit is
set to logic '1' (Normally Open). In this case the state of the TDSX bit is a “Don’t care.”
Note: The crystal oscillator must be “on” for sampling to function. If the oscillator is stopped,
the tamper detect circuit will revert to continuous monitoring.
2.6.7
Tamper current high/tamper current low (TCHI/
������������������������������������������������1andTCHI/������������������������������������������������2)
This bit selects the strength of the internal pull-up or pull-down used during the sampling of
the normally closed condition. The state of the TCHI/
TCLO
X bit is a “Don’t care” for normally
open (TCMX = '1') mode (see Figure 18: "Tamper current options").
2.6.8
RAM clear (CLR1 and CLR2)
When either CLR1 or CLR2 and the TEBX bit are set to a logic '1,' the internal 128 bytes of
user RAM (see Figure 15: "Basic tamper detect options") will be cleared to all zeros in the
event of a tamper condition. Furthermore, the 128 bytes of user RAM will be deselected
(inaccessible) until the corresponding TEBX bit is reset to '0.' Any data read during this time
will be invalid. (ie. the cleared RAM values cannot be accessed.)
2.6.9
RAM clear external (CLR1EXT and CLR2EXT) - available in SOX28
package only
When either CLR1EXT or CLR2EXT is set to a logic '1' and the TEBX bit is also set to logic '1,'
the TPCLR signal will be asserted for clearing external RAM, and the RST output asserted
upon detection of a tamper event (see Figure 15: "Basic tamper detect options" and Figure
20: "RAM clear hardware hookup (SOX28 package only)").
Note: The reset output resulting from a tamper event will be the same as a reset resulting
from a power-down condition, a watchdog time-out, or a manual reset (
RSTIN1orRSTIN2);
the
RSToutputwillbeassertedfort
rec seconds.
This is accomplished by forcing TPCLR high, which if used to control the inhibit pin of the DC
regulator (see Figure 20: "RAM clear hardware hookup (SOX28 package only)") will also
switch off VOUT, depriving the external SRAM of power to the VCC pin. VOUT will
automatically be disconnected from the battery if the tamper occurs during battery back-up
(see Figure 19: "Tamper output timing (with CLR1EXT or CLR2EXT = '1') - available in
SOX28 package only"). By inhibiting the DC regulator, the user will also prevent other
inputs from sourcing current to the external SRAM, which would allow it to retain data
otherwise.
The user may optionally connect an inverting charge pump to the VCC pin of the external
SRAM (see Figure 20: "RAM clear hardware hookup (SOX28 package only)"). Depending
on the process technology used for the manufacturing of the external SRAM, clearing the
memory may require varying durations of negative potential on the VCC pin. This device
configuration will allow the user to program the time needed for their particular application.
Control Bits CLRPW0 and CLRPW1 determine the duration TPCLR will be enabled (see
Figure 19: "Tamper output timing (with CLR1EXT or CLR2EXT = '1') - available in SOX28
package only" and Table 6: "Tamper detect timing").
Note: When using the inverting charge pump, the user must also provide isolation in the
form of two additional small-signal power MOSFETs. These will isolate the VOUT pin from
both the negative voltage generated by the charge pump during a tamper condition, and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com